Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1744 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1744
Description  High-Voltage, Step-Down DC-DC Controllers in 關MAX
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1744 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1744_09 Datasheet HTML 1Page - Maxim Integrated Products MAX1744_09 Datasheet HTML 2Page - Maxim Integrated Products MAX1744_09 Datasheet HTML 3Page - Maxim Integrated Products MAX1744_09 Datasheet HTML 4Page - Maxim Integrated Products MAX1744_09 Datasheet HTML 5Page - Maxim Integrated Products MAX1744_09 Datasheet HTML 6Page - Maxim Integrated Products MAX1744_09 Datasheet HTML 7Page - Maxim Integrated Products MAX1744_09 Datasheet HTML 8Page - Maxim Integrated Products MAX1744_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX1744/MAX1745 are step-down DC-DC con-
trollers capable of handling up to 36V inputs. These
parts use a proprietary current-limited control scheme
for excellent light- and full-load efficiency, while their
330kHz (max) switching frequency permits small exter-
nal components for space-critical applications.
Operation to 100% duty cycle permits the lowest possi-
ble dropout voltage.
The MAX1744 contains an internal feedback network
that provides a pin-selectable output voltage of either
3.3V or 5V. The MAX1745 uses an external feedback
network to generate an adjustable output voltage
between 1.25V and 18V.
The MAX1744/MAX1745 are available in a space-sav-
ing 10-pin µMAX® package.
________________________Applications
Automotive Electronics
Telecom Systems
Wall-Cube-Powered Devices
Industrial Control Systems
Firewire/IEEE1394
____________________________Features
o High-Voltage Operation (Up to 36V IN)
o Efficiency > 90%
o Output Power Capability Exceeds 50W
o 10-Pin µMax Package
o Low-Dropout Voltage
o 100% (max) Duty Cycle
o 90µA Quiescent Current
o 4µA Shutdown Current
o Up to 330kHz Switching Frequency
o Output Voltage
5V or 3.3V (MAX1744)
Adjustable 1.25V to 18V (MAX1745)
o Current-Limited Control Scheme
High-Voltage, Step-Down DC-DC
Controllers in µMAX
________________________________________________________________
Maxim Integrated Products
1
19-1776; Rev 3; 4/09
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1744EUB+
-40
°C to +85°C
10 µMAX
MAX1744AUB+
-40
°C to +125°C
10 µMAX
MAX1745EUB+
-40
°C to +85°C
10 µMAX
MAX1745AUB+
-40
°C to +125°C
10 µMAX
MAX1745EUB/V+
-40
°C to +85°C
10 µMAX
GND
OUT
REF
VL
CS
MAX1744
3/5
5V
3.3V
ON
OFF
SHDN
IN
VH
EXT
P
IN
4.5V TO 36V
OUT
3.3V
OR 5V
Typical Operating Circuit
1
+
2
3
4
5
10
9
8
7
6
IN
EXT
VH
3/5 (FB)
( ) ARE FOR MAX1745 ONLY.
REF
VL
GND
MAX1744
MAX1745
μMAX
TOP VIEW
CS
OUT
SHDN
Pin Configuration
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
uMAX is a registered trademark of Maxim Integrated Products, Inc.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V
= Denotes an automotive qualified part.


Similar Part No. - MAX1744_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744_0908 MAXIM-MAX1744_0908 Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
More results

Similar Description - MAX1744_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744_0908 MAXIM-MAX1744_0908 Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Linear Technology
LTC3801 LINER-LTC3801_1 Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
   High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
MAX1652 MAXIM-MAX1652 Datasheet
265Kb / 28P
   High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
19-1357; Rev 1; 7/98
logo
Linear Technology
LTC3832-1 LINER-LTC3832-1_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830 LINER-LTC3830_15 Datasheet
275Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com