Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1562 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1562
Description  Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1562 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1562 Datasheet HTML 1Page - Maxim Integrated Products MAX1562 Datasheet HTML 2Page - Maxim Integrated Products MAX1562 Datasheet HTML 3Page - Maxim Integrated Products MAX1562 Datasheet HTML 4Page - Maxim Integrated Products MAX1562 Datasheet HTML 5Page - Maxim Integrated Products MAX1562 Datasheet HTML 6Page - Maxim Integrated Products MAX1562 Datasheet HTML 7Page - Maxim Integrated Products MAX1562 Datasheet HTML 8Page - Maxim Integrated Products MAX1562 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX1562/MAX1562H/MAX1563 single current-
limited switches provide up to 4A to power up to eight
USB ports. They operate from a 4V to 5.5V input
supply and consume only 40µA of quiescent current
when operating and only 3µA in shutdown.
The MAX1562/MAX1562H/MAX1563s’ autoreset feature
latches the switch off if the output is shorted, thereby
saving system power. When the short is removed, the
switch is reactivated. A fault-blanking feature enables the
circuit to ignore momentary faults, such as those caused
when hot swapping a capacitive load, preventing false
alarms to the host system. Fault blanking also prevents
fault signals from being issued when the device powers
up the load.
The MAX1562/MAX1562H/MAX1563 provide several
safety features to protect the USB port. Built-in thermal-
overload protection turns off the switch when the die
temperature exceeds +160°C. Accurate internal cur-
rent-limiting circuitry protects the input supply against
both overload and short-circuit conditions. An open-
drain fault signal (FAULT) notifies the microprocessor
when a thermal-overload, current-limit, undervoltage
lockout (UVLO), or short-circuit fault occurs.
The MAX1562 has an active-low ON, and the
MAX1562H has an active-high ON enable input. The
MAX1563 has a selectable active-high or active-low
logic-controlled enable. The current limit is pro-
grammed from 1A to 4A using a resistor.
The MAX1562/MAX1562H are available in 8-pin SO
packages and are pin-compatible upgrades to the
MIC2545A/MIC2549A. The MAX1563 provides the
same features and higher current performance in a
smaller 12-pin (4mm x 4mm) Thin QFN package. These
devices operate over an extended temperature range
(-40°C to +85°C). An evaluation kit is available to speed
designs.
Applications
Notebook Computers
Desktop Computers
USB Ports and Hubs
PDAs and Palmtop Computers
Docking Stations
Features
o Programmable Current Limit (1A to 4A) with
Resistor
o Autoreset Feature Saves System Power
o 20ms Fault-Blanking Circuitry
o Active-High/Low Control Logic
o Fault-Indicator Output
o Thermal-Overload Protection
o Smaller 4mm x 4mm Thin QFN Package (MAX1563)
o 3µA Shutdown Current
o UL Certification Pending
Programmable 4A USB Current-Limited
Switches with Autoreset and Fault Blanking
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-2631; Rev 1; 7/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Pin Configurations appear at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX1562ESA+
-40°C to +85°C
8 SO
MAX1562HESA+
-40°C to +85°C
8 SO
MAX1563ETC+
-40°C to +85°C
12 TQFN-EP*
4mm x 4mm
MAX1562
MAX1562H
MAX1563
FAULT
OUT
OUT
ISET
SEL
ON
IN
IN
USB
PORT
GND
INPUT
4V TO 5.5V
MAX1563
ONLY
ACTIVE-HIGH/ACTIVE-LOW
SELECTABLE
Typical Operating Circuit
+
Denotes lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.


Similar Part No. - MAX1562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562-MAX1563 MAXIM-MAX1562-MAX1563 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562ESA MAXIM-MAX1562ESA Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562ESA++ MAXIM-MAX1562ESA+ Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
More results

Similar Description - MAX1562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1693 MAXIM-MAX1693 Datasheet
143Kb / 8P
   USB Current-Limited Switches with Fault Blanking
Rev 0; 9/99
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com