Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1452CAE+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1452CAE+
Description  Low-Cost Precision Sensor Signal Conditioner
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1452CAE+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1452CAE+ Datasheet HTML 1Page - Maxim Integrated Products MAX1452CAE+ Datasheet HTML 2Page - Maxim Integrated Products MAX1452CAE+ Datasheet HTML 3Page - Maxim Integrated Products MAX1452CAE+ Datasheet HTML 4Page - Maxim Integrated Products MAX1452CAE+ Datasheet HTML 5Page - Maxim Integrated Products MAX1452CAE+ Datasheet HTML 6Page - Maxim Integrated Products MAX1452CAE+ Datasheet HTML 7Page - Maxim Integrated Products MAX1452CAE+ Datasheet HTML 8Page - Maxim Integrated Products MAX1452CAE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Low-Cost Precision Sensor
Signal Conditioner
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VDDF = +5V, VSS = 0V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output-Voltage Low
IOUT = 1mA sinking, TA = TMIN to TMAX
0.100
0.20
V
Output-Voltage High
IOUT = 1mA sourcing, TA = TMIN to TMAX
4.75
4.87
V
Output Impedance at DC
0.1
Ω
Output Offset Ratio
ΔVOUT/
ΔOffset
0.90
1.05
1.20
V/V
Output Offset TC Ratio
ΔVOUT/
ΔOffset TC
0.9
1
1.2
V/V
Step Response and IC
(63% Final Value)
150
µs
Maximum Capacitive Load
1µF
Output Noise
DC to 1kHz (gain = minimum, source
impedance = 5k
Ω VDDF filter)
0.5
mVRMS
BRIDGE DRIVE
Bridge Current
IBDR
RL = 1.7k
Ω
0.1
0.5
2
mA
Current Mirror Ratio
AA
RISOURCE = internal
10
12
14
A/A
VSPAN Range (Span Code)
TA = TMIN to TMAX
4000
C000
hex
DIGITAL-TO-ANALOG CONVERTERS
DAC Resolution
16
Bits
ODAC Bit Weight
ΔVOUT/
ΔCode
DAC reference = VDD = +5.0V
76
µV/bit
OTCDAC Bit Weight
ΔVOUT/
ΔCode
DAC reference = VBDR = +2.5V
38
µV/bit
FSODAC Bit Weight
ΔVOUT/
ΔCode
DAC reference = VDD = +5.0V
76
µV/bit
FSOTCDAC Bit Weight
ΔVOUT/
ΔCode
DAC reference = VBDR = +2.5V
38
µV/bit
COARSE OFFSET DAC
IRODAC Resolution
Including sign
4
Bits
IRODAC Bit Weight
ΔVOUT/
ΔCode
Input referred, DAC reference =
VDD = +5.0V (Note 6)
9
mV/bit
FSOTC BUFFER
Minimum Output-Voltage Swing
No load
VSS +
0.1
V
Maximum Output-Voltage Swing
No load
VDD - 1.0
V
Current Drive
VFSOTC = +2.5V
-40
+40
µA
INTERNAL RESISTORS
Current-Source Reference
Resistor
RISRC
75
k
Ω


Similar Part No. - MAX1452CAE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452CAE++ MAXIM-MAX1452CAE+ Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452CAE++ MAXIM-MAX1452CAE+ Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
More results

Similar Description - MAX1452CAE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX1452 MAXIM-MAX1452 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
   RBicLite??Low-Cost Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_07 Datasheet
456Kb / 38P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010CEG1 ETC2-ZSC31010CEG1 Datasheet
827Kb / 46P
   ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com