Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1446EHJ+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1446EHJ+
Description  10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1446EHJ+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1446EHJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX1446EHJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX1446EHJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX1446EHJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX1446EHJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX1446EHJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX1446EHJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX1446EHJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX1446EHJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
10-Bit, 60Msps, 3.0V, Low-Power
ADC with Internal Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 3.0V, OVDD = 2.7V; 0.1µF and 1.0µF capacitors from REFP, REFN, and COM to GND; VREFIN = 2.048V, REFOUT connected
to REFIN through a 10k
Ω resistor, VIN = 2VP-P (differential with respect to COM), CL ≈ 10pF at digital outputs, fCLK = 62.5MHz
(50% duty cycle), TA = TMIN to TMAX, unless otherwise noted. ≥+25°C guaranteed by production test, < +25°C guaranteed by design
and characterization. Typical values are at TA = +25
°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, OVDD to GND ...............................................-0.3V to +3.6V
OGND to GND.......................................................-0.3V to +0.3V
IN+, IN- to GND........................................................-0.3V to VDD
REFIN, REFOUT, REFP,
REFN, and COM to GND.........................-0.3V to (VDD + 0.3V)
OE, PD, CLK to GND..................................-0.3V to (VDD + 0.3V)
D9–D0 to GND.........................................-0.3V to (OVDD + 0.3V)
Continuous Power Dissipation (TA = +70
°C)
32-Pin TQFP (derate 18.7mW/
°C above +70°C)......1495.3mW
Operating Temperature Ranges:
MAX1446EHJ+ .................................................-40
°C to +85°C
MAX1446GHJ+...............................................-40
°C to +105°C
Storage Temperature Range ............................-60
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity
INL
fIN = 7.492MHz, TA
≥ +25°C
±0.6
±1.9
LSB
Differential Nonlinearity
DNL
No missing codes, fIN = 7.492MHz
±0.4
±1.0
LSB
Offset Error
-1.6
<
±0.1
±1.9
% FS
Gain Error
TA
≥ +25°C
0
±2.0
% FS
ANALOG INPUT
Input Differential Range
VDIFF
Differential or single-ended inputs
±1.0
V
Common-Mode Voltage Range
VCOM
VDD/2
± 0.5
V
Input Resistance
RIN
Switched capacitor load
33
k
Ω
Input Capacitance
CIN
5pF
CONVERSION RATE
Maximum Clock Frequency
fCLK
60
MHz
Data Latency
5.5
Cycles
DYNAMIC CHARACTERISTICS
fIN = 7.492MHz
57
59.5
fIN = 19.943MHz
56.5
59.5
Signal-to-Noise Ratio
SNR
fIN = 39.9MHz (Note 1)
59
dB
fIN = 7.492MHz
56.6
59.4
fIN = 19.943MHz
56.2
59
Signal-to-Noise + Distortion
(Up to 5th Harmonic)
SINAD
fIN = 39.9MHz (Note 1)
58.5
dB
fIN = 7.492MHz
65
74
fIN = 19.943MHz
63
73
Spurious-Free Dynamic
Range
SFDR
fIN = 39.9MHz (Note 1)
71
dBc


Similar Part No. - MAX1446EHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1446EHJ++ MAXIM-MAX1446EHJ+ Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
More results

Similar Description - MAX1446EHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1446 MAXIM-MAX1446 Datasheet
282Kb / 16P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 7/03
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
MAX1448 MAXIM-MAX1448 Datasheet
553Kb / 21P
   10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference
Rev 2; 5/04
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
logo
NXP Semiconductors
TDA8763 PHILIPS-TDA8763 Datasheet
174Kb / 24P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
TDA8764 PHILIPS-TDA8764 Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
logo
Maxim Integrated Produc...
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
   10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com