Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1446 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1446
Description  10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1446 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1446_08 Datasheet HTML 1Page - Maxim Integrated Products MAX1446_08 Datasheet HTML 2Page - Maxim Integrated Products MAX1446_08 Datasheet HTML 3Page - Maxim Integrated Products MAX1446_08 Datasheet HTML 4Page - Maxim Integrated Products MAX1446_08 Datasheet HTML 5Page - Maxim Integrated Products MAX1446_08 Datasheet HTML 6Page - Maxim Integrated Products MAX1446_08 Datasheet HTML 7Page - Maxim Integrated Products MAX1446_08 Datasheet HTML 8Page - Maxim Integrated Products MAX1446_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Note 1: SNR, SINAD, THD, SFDR, and HD3 are based on an analog input voltage of -0.5dBFS referenced to a 1.024V full-scale
input voltage range.
Note 2: Intermodulation distortion is the total power of the intermodulation products relative to the individual carrier. This number is
6dB better, if referenced to the two-tone envelope.
Note 3: Digital outputs settle to VIH, VIL.
Note 4: Wake-up time is defined as the time from complete reference power-down until the ADC performs within 0.3 ENOB of the
final performance for fIN = 10MHz at -0.5dBFS input amplitude. VREFIN = 2.048V, REFP, REFN, and CML decoupled with
2.3µF.
Note 5: Dynamic characteristics guaranteed at fIN = 19.943MHz for the specified duty-cycle range.
Note 6: Guaranteed by design and engineering characterization.
10-Bit, 60Msps, 3.0V, Low-Power
ADC with Internal Reference
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Analog Supply Voltage
VDD
2.7
3.0
3.6
V
Output Supply Voltage
OVDD
CL = 10pF
1.7
3.0
3.6
V
Operating, fIN = 19.943MHz at -0.5dBFS
30
37
mA
Analog Supply Current
IVDD
Shutdown, clock idle, PD =
OE = OVDD
415
µA
Operating, CL = 15pF, fIN = 19.943MHz at
-0.5dBFS
7mA
Output Supply Current
IOVDD
Shutdown, clock idle, PD =
OE = OVDD
120
µA
Offset
± 0.1
mV/V
Power-Supply Rejection
PSRR
Gain
± 0.1
%/V
TIMING CHARACTERISTICS
CLK Rise to Output Data Valid
tDO
Figure 5 (Notes 3, 6)
2
5
8
ns
OE Fall to Output Enable
tENABLE
Figure 5
10
ns
OE Rise to Output Disable
tDISABLE
Figure 5
1.5
ns
Clock Duty Cycle
Figure 6, clock period 16ns (Notes 5, 6)
45
55
%
Wake-Up Time
tWAKE
(Notes 4, 6)
366
520
µs
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.0V, OVDD = 2.7V; 0.1µF and 1.0µF capacitors from REFP, REFN, and COM to GND; VREFIN = 2.048V, REFOUT connected
to REFIN through a 10k
Ω resistor, VIN = 2VP-P (differential with respect to COM), CL ≈ 10pF at digital outputs, fCLK = 62.5MHz
(50% duty cycle), TA = TMIN to TMAX, unless otherwise noted. ≥+25°C guaranteed by production test, < +25°C guaranteed by design
and characterization. Typical values are at TA = +25
°C.)


Similar Part No. - MAX1446_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
More results

Similar Description - MAX1446_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1446 MAXIM-MAX1446 Datasheet
282Kb / 16P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 7/03
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
MAX1448 MAXIM-MAX1448 Datasheet
553Kb / 21P
   10-Bit, 80Msps, Single 3.0V, Low-Power ADC with Internal Reference
Rev 2; 5/04
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
logo
NXP Semiconductors
TDA8763 PHILIPS-TDA8763 Datasheet
174Kb / 24P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 06
TDA8764 PHILIPS-TDA8764 Datasheet
164Kb / 28P
   10-bit high-speed low-power ADC with internal reference regulator
1999 Jan 12
logo
Maxim Integrated Produc...
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
   10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com