Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1305ECM+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1305ECM+
Description  8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1305ECM+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1305ECM+ Datasheet HTML 3Page - Maxim Integrated Products MAX1305ECM+ Datasheet HTML 4Page - Maxim Integrated Products MAX1305ECM+ Datasheet HTML 5Page - Maxim Integrated Products MAX1305ECM+ Datasheet HTML 6Page - Maxim Integrated Products MAX1305ECM+ Datasheet HTML 7Page - Maxim Integrated Products MAX1305ECM+ Datasheet HTML 8Page - Maxim Integrated Products MAX1305ECM+ Datasheet HTML 9Page - Maxim Integrated Products MAX1305ECM+ Datasheet HTML 10Page - Maxim Integrated Products MAX1305ECM+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Typical Operating Characteristics
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1µF, CREF+ =
CREF- = 0.1µF, CREF+-to-REF- = 2.2µF || 0.1µF, CCOM = 2.2µF || 0.1µF, CMSV = 2.2µF || 0.1µF (unipolar devices), MSV = AGND (bipolar
devices), fCLK = 16.67MHz 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), fIN = 500kHz, AIN = -0.4dBFS. TA = +25°C,
unless otherwise noted.) (Figures 3 and 4)
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
_______________________________________________________________________________________
7
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
3584
3072
2048 2560
1024 1536
512
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
04096
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
3584
3072
2048 2560
1024 1536
512
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4096
AVDD (V)
5.2
5.1
5.0
4.9
4.8
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
4.7
5.3
OFFSET ERROR
vs. ANALOG SUPPLY VOLTAGE
OFFSET ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
-12
-8
-4
0
4
8
12
16
-16
-40
85
AVDD (V)
5.2
5.1
5.0
4.9
4.8
-4
-3
-2
-1
0
1
-5
4.7
5.3
GAIN ERROR
vs. ANALOG SUPPLY VOLTAGE
GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
-12
-8
-4
0
4
8
12
16
-16
-40
85


Similar Part No. - MAX1305ECM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1305ECM++ MAXIM-MAX1305ECM+ Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
More results

Similar Description - MAX1305ECM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1316 MAXIM-MAX1316 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1316 MAXIM-MAX1316_08 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
logo
Texas Instruments
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
logo
Analog Devices
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com