Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440SC075NF22 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 440SC075NF22
Description  EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Split Shell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440SC075NF22 Datasheet(HTML) 1 Page - Glenair, Inc.

  440SC075NF22 Datasheet HTML 1Page - Glenair, Inc. 440SC075NF22 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 58
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
440 F D 075 NF 16 12 K P
G (Table III)
F
(Table III)
H
(Table III)
J (Table III)
A Thread
(Table I)
E Typ.
(Table I)
STYLE 2
(See Note 1)
1.00 (25.4)
Max
Termination Area
Free of Cadmium.
Knurl or Ridges
Mfr's Option
Polysulfide Stripes
P Option
Product Series
Connector Designator
Angle and Profile
C = Ultra-Low Split 90
D = Split 90
F = Split 45
Basic Part No.
Polysulfide (Omit for none)
B = Band
K = Precoiled Band
(Omit for none)
Cable Entry (Table IV)
Shell Size (Table I)
Finish (Table II)
.060
(1.5)
Typ.
.380 (9.7)
Typ.
N *
P *
* (Table IV)
M
(Table III)
L (Table III)
K
(Table III)
Max Wire Bundle
(Table III, Note 1)
Anti-Rotation
Device (Typ.)
CONNECTOR
DESIGNATORS
A-F-H-L-S
SELF-LOCKING
ROTATABLE
COUPLING
Split 45°
Split 90°
Ultra Low-Profile
Split 90°
Band Option
(K Option Shown -
See Note 3)
440-075
EMI/RFI Banding Adapter
Self-Locking Rotatable Coupling - Split Shell


Similar Part No. - 440SC075NF22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440SC070M08 GLENAIR-440SC070M08 Datasheet
138Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Split Shell
440SC070M10 GLENAIR-440SC070M10 Datasheet
138Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Split Shell
440SC070M12 GLENAIR-440SC070M12 Datasheet
138Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Split Shell
440SC070M14 GLENAIR-440SC070M14 Datasheet
138Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Split Shell
440SC070M16 GLENAIR-440SC070M16 Datasheet
138Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Split Shell
More results

Similar Description - 440SC075NF22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AC072NF08 GLENAIR-440AC072NF08 Datasheet
139Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440AC073NF08 GLENAIR-440AC073NF08 Datasheet
134Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Split Shell
440AC070M08 GLENAIR-440AC070M08 Datasheet
138Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Split Shell
440AH075NF08 GLENAIR-440AH075NF08 Datasheet
52Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AH072NF08 GLENAIR-440AH072NF08 Datasheet
57Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AM075NF08 GLENAIR-440AM075NF08 Datasheet
48Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Full Radius Profile
440AM072NF08 GLENAIR-440AM072NF08 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Full Radius Profile
440AD074NF08 GLENAIR-440AD074NF08 Datasheet
49Kb / 2P
   EMI/RFI Banding Adapter Direct Coupling - Split Shell
440AC063M08 GLENAIR-440AC063M08 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
440AH069M08 GLENAIR-440AH069M08 Datasheet
59Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Standard Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com