Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440HT144XMT22 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 440HT144XMT22
Description  Composite Ultra Low Profile EMI/RFI
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440HT144XMT22 Datasheet(HTML) 1 Page - Glenair, Inc.

  440HT144XMT22 Datasheet HTML 1Page - Glenair, Inc. 440HT144XMT22 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-70
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
440-144
Composite Ultra Low Profile EMI/RFI
Micro-Banding Backshell with Shrink Boot Porch
and Self-Locking Rotatable Coupling
Anti-Decoupling Device TYP
.962 Max
.320
Typ
D Dia.
Typ
Optional ø.125 Drain Holes
3 Minimum Equally Spaced Typ
Shrink Sleeve or
Boot Groove Typ
G
Optional ø.125 Drain Holes
3 Minimum Equally Spaced Typ
Shrink Sleeve
or Boot Lip
Accomodates 600-057-1
Micro-Band
.32
H
J
K
E
F
Raised Configuration
(Mfr's Option)
CONNECTOR DESIGNATOR:
F MIL-DTL-38999SeriesI,II
H MIL-DTL-38999SeriesIIIandIV
SELF-LOCKING
ROTATABLE COUPLING
ULTRA LOW PROFILE
Pigtail
Termination
Slot
Finish Symbol
(See Table III)
Connector Designator
F or H
Product Series
440 - EMI/RFI Non-Environmental
Micro-Banding Backshells
440 H S 144 XM 15 09 D K T S
Angle and Profile
S - Straight
T - 45° Elbow
W - 90° Elbow
Basic Part
Number
Connector Shell Size
(See Table II)
Cable Entry
(See Table IV)
Omit for 90° Configuration
Drain Hole Option
(Omit "D" if not required)
Band Option
Band supplied
with
K option
(Omit for none)
Slot Option
S - Pigtail
Termin. Slot
(Omit for none)
Shrink Boot Option
Shrink boot supplied
with
T option
Available for S and T
profiles only
(Omit for none)


Similar Part No. - 440HT144XMT22

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440H-H03077 ALLEN-BRADLEY-440H-H03077 Datasheet
59Kb / 2P
   Explosion Proof
440H-H03100 ALLEN-BRADLEY-440H-H03100 Datasheet
59Kb / 2P
   Explosion Proof
440H-P03035 ALLEN-BRADLEY-440H-P03035 Datasheet
55Kb / 1P
   440H-P03035
440H-R03074 ALLEN-BRADLEY-440H-R03074 Datasheet
128Kb / 3P
   Hinge Switches
440H-R03078 ALLEN-BRADLEY-440H-R03078 Datasheet
128Kb / 3P
   Hinge Switches
More results

Similar Description - 440HT144XMT22

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440FS143XM08 GLENAIR-440FS143XM08 Datasheet
406Kb / 2P
   Composite Ultra Low Profile EMI/RFI
319FS134XM08B GLENAIR-319FS134XM08B Datasheet
337Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319-134 GLENAIR-319-134 Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
   Composite EMI/RFI Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_11 Datasheet
230Kb / 2P
   Composite EMI/RFI Banding Backshell
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
447AS326XM08 GLENAIR-447AS326XM08 Datasheet
292Kb / 2P
   Composite Standard Profile EMI/RFI Micro-Banding Backshell
507T088XM09B04 GLENAIR-507T088XM09B04_09 Datasheet
304Kb / 2P
   Composite RFI/EMI Banding Backshell
380FS132XM08 GLENAIR-380FS132XM08 Datasheet
356Kb / 1P
   Composite Knit-Braid Style EMI/RFI
447AS325XM08 GLENAIR-447AS325XM08 Datasheet
298Kb / 2P
   Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com