Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440AC063M24 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 440AC063M24
Description  EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440AC063M24 Datasheet(HTML) 1 Page - Glenair, Inc.

  440AC063M24 Datasheet HTML 1Page - Glenair, Inc. 440AC063M24 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 6
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
440 F D 063 M 16 32
Product Series
Connector Designator
Angle and Profile
C = Ultra-Low Split 90
D = Split 90
F = Split 45
Cable Entry (Table IV)
Shell Size (Table I)
Finish (Table II)
Basic Part No.
1. When maximum cable entry (page 21) is exceeded, Style 2 will
be supplied (not available in Function C). Dimensions D, E, F
and G will not apply. Please consult factory.
2. For proper installation of crimp ring, use Thomas & Betts (or
equivalent) installation dies listed (Table IV) for each dash no.
3. Metric dimensions (mm) are indicated in parentheses.
4. Dimensions shown are not intended for inspection criteria.
5. Angular function "C", low-profile split elbow, not available with
"S" connector designator.
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
F
(Table III)
E (Table III)
K
(Table III)
C Typ.
(Table I)
G
(Table
III)
A Thread
(Table I)
D
(Table III)
J
(Table III)
H (Table III)
Max Wire
Bundle
(Table III,
Note 1)
M*
N*
STYLE 2
(See Note 1)
.88 (22.4)
Max
R*
S*
P*
L*
Split 45°
Split 90°
Ultra Low-
Profile Split
90°
* (Table IV)
440-063
EMI/RFI Crimp Ring Adapter
Rotatable Coupling - Split Shell


Similar Part No. - 440AC063M24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AC069M08 GLENAIR-440AC069M08 Datasheet
70Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AC069M10 GLENAIR-440AC069M10 Datasheet
70Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AC069M12 GLENAIR-440AC069M12 Datasheet
70Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AC069M14 GLENAIR-440AC069M14 Datasheet
70Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AC069M16 GLENAIR-440AC069M16 Datasheet
70Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
More results

Similar Description - 440AC063M24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AF084M08 GLENAIR-440AF084M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440AC073NF08 GLENAIR-440AC073NF08 Datasheet
134Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Split Shell
440AC070M08 GLENAIR-440AC070M08 Datasheet
138Kb / 2P
   EMI/RFI Dual Banding Adapter Rotatable Coupling - Split Shell
440AC075NF08 GLENAIR-440AC075NF08 Datasheet
135Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440AH063M08 GLENAIR-440AH063M08 Datasheet
77Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Standard Profile
440AC072NF08 GLENAIR-440AC072NF08 Datasheet
139Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440AD074NF08 GLENAIR-440AD074NF08 Datasheet
49Kb / 2P
   EMI/RFI Banding Adapter Direct Coupling - Split Shell
440AD071NF08 GLENAIR-440AD071NF08 Datasheet
53Kb / 2P
   EMI/RFI Dual Banding Adapter Direct Coupling - Split Shell
440AH084M08 GLENAIR-440AH084M08 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440AH073NF08 GLENAIR-440AH073NF08 Datasheet
68Kb / 2P
   EMI/RFI Banding Adapter Rotatable Coupling - Standard Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com