Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V110C28M100BF3 Datasheet(PDF) 5 Page - Vicor Corporation

Part # V110C28M100BF3
Description  110V Input Micro Family DC-DC Converter Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V110C28M100BF3 Datasheet(HTML) 5 Page - Vicor Corporation

  V110C28M100BF3 Datasheet HTML 1Page - Vicor Corporation V110C28M100BF3 Datasheet HTML 2Page - Vicor Corporation V110C28M100BF3 Datasheet HTML 3Page - Vicor Corporation V110C28M100BF3 Datasheet HTML 4Page - Vicor Corporation V110C28M100BF3 Datasheet HTML 5Page - Vicor Corporation V110C28M100BF3 Datasheet HTML 6Page - Vicor Corporation V110C28M100BF3 Datasheet HTML 7Page - Vicor Corporation V110C28M100BF3 Datasheet HTML 8Page - Vicor Corporation V110C28M100BF3 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
110V Micro Family
Rev. 2.3
Page 5 of 11
Set your site on VICOR at vicorpower.com
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85
86.3
%
Nominal input; full load; 25°C
Ripple and noise
80
100
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
27.2
28.2
29.2
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
4.3
6.9
Watts
No load
Load regulation
±0.02
±0.3
%
No load to full load; nominal input
Load current
0
4.17
Amps
Current limit
4.25
4.8
5.63
Amps
Output voltage 95% of nominal
Short circuit current
2.91
4.8
5.63
Amps
Output voltage <250 mV
24 Vout, 100 W (e.g. V110C24C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85.3
86.3
%
Nominal input; full load; 25°C
Ripple and noise
50
75
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
31.5
32.7
33.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
2.8
4.6
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
3.57
Amps
Current limit
3.64
4.11
4.82
Amps
Output voltage 95% of nominal
Short circuit current
2.49
4.11
4.82
Amps
Output voltage <250 mV
28 Vout, 100 W (e.g. V110C28C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85.5
86.4
%
Nominal input; full load; 25°C
Ripple and noise
150
188
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
40.4
41.9
43.4
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3.7
4.3
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
2.78
Amps
Current limit
2.83
3.2
3.76
Amps
Output voltage 95% of nominal
Short circuit current
1.94
3.2
3.76
Amps
Output voltage <250 mV
36 Vout, 100 W (e.g. V110C36C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
84.6
85.6
%
Nominal input; full load; 25°C
Ripple and noise
80
100
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
53.7
55.7
57.7
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3.8
4.5
Watts
No load
Load regulation
±0.01
±0.2
%
No load to full load; nominal input
Load current
0
2.08
Amps
Current limit
2.12
2.39
2.81
Amps
Output voltage 95% of nominal
Short circuit current
0.6
2.39
2.81
Amps
Output voltage <250 mV
48 Vout, 100 W (e.g. V110C48C100BL)


Similar Part No. - V110C28M100BF3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110C15T100BG VICOR-V110C15T100BG Datasheet
1Mb / 12P
   DC input range 66-154 V (continuous)
V110C3V3C50BL VICOR-V110C3V3C50BL Datasheet
1Mb / 12P
   DC-DC Converter Module
More results

Similar Description - V110C28M100BF3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com