Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V24A12C400BG3 Datasheet(PDF) 4 Page - Vicor Corporation

Part # V24A12C400BG3
Description  24V Input Maxi Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24A12C400BG3 Datasheet(HTML) 4 Page - Vicor Corporation

  V24A12C400BG3 Datasheet HTML 1Page - Vicor Corporation V24A12C400BG3 Datasheet HTML 2Page - Vicor Corporation V24A12C400BG3 Datasheet HTML 3Page - Vicor Corporation V24A12C400BG3 Datasheet HTML 4Page - Vicor Corporation V24A12C400BG3 Datasheet HTML 5Page - Vicor Corporation V24A12C400BG3 Datasheet HTML 6Page - Vicor Corporation V24A12C400BG3 Datasheet HTML 7Page - Vicor Corporation V24A12C400BG3 Datasheet HTML 8Page - Vicor Corporation V24A12C400BG3 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
24V Maxi Family
Rev. 4.9
Page 4 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
75.5
78.5
%
Nominal input; full load; 25°C
Ripple and noise
75
94
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
8
12
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
80
Amps
Current limit
81.6
92
108
Amps
Output voltage 95% of nominal
Short circuit current
56
92
108
Amps
Output voltage <250 mV
3.3 Vout, 264 W (e.g. V24A3V3C264BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
73.9
79.9
%
Nominal input; full load; 25°C
Ripple and noise
43
54
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
4.48
4.65
4.82
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
6.2
10
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
60.6
Amps
Current limit
61.8
69.7
81.9
Amps
Output voltage 95% of nominal
Short circuit current
42.4
69.7
81.9
Amps
Output voltage <250 mV
3.3 Vout, 200 W (e.g. V24A3V3C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
80
82
%
Nominal input; full load; 25°C
Ripple and noise
152
190
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
6.8
10.1
Watts
No load
Load regulation
±0.02
±0.25
%
No load to full load; nominal input
Load current
0
80
Amps
Current limit
81.6
92
104
Amps
Output voltage 95% of nominal
Short circuit current
56
92
104
Amps
Output voltage <250 mV
5 Vout, 400 W (e.g. V24A5C400BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
82.5
84.4
%
Nominal input; full load; 25°C
Ripple and noise
120
150
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
7.2
8.8
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
60
Amps
Current limit
61.2
69
81
Amps
Output voltage 95% of nominal
Short circuit current
42
69
81
Amps
Output voltage <250 mV
5 Vout, 300 W (e.g. V24A5C300BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85
86.1
%
Nominal input; full load; 25°C
Ripple and noise
100
125
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
7.7
7.98
8.26
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
9.2
10.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Output Current
0
61.5
Amps
Current limit
62.7
70.7
83.1
Amps
Output voltage 95% of nominal
Short circuit current
43
70.7
83.1
Amps
Output voltage <250 mV
6.5 Vout, 400 W (e.g. V24A6V5C400BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS


Similar Part No. - V24A12C400BG3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A12C400BG3 VICOR-V24A12C400BG3 Datasheet
512Kb / 15P
   DC-DC Converter Module
More results

Similar Description - V24A12C400BG3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com