Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX924CPE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX924CPE
Description  Ultra Low-Power, Single/Dual-Supply Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX924CPE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX924CPE Datasheet HTML 5Page - Maxim Integrated Products MAX924CPE Datasheet HTML 6Page - Maxim Integrated Products MAX924CPE Datasheet HTML 7Page - Maxim Integrated Products MAX924CPE Datasheet HTML 8Page - Maxim Integrated Products MAX924CPE Datasheet HTML 9Page - Maxim Integrated Products MAX924CPE Datasheet HTML 10Page - Maxim Integrated Products MAX924CPE Datasheet HTML 11Page - Maxim Integrated Products MAX924CPE Datasheet HTML 12Page - Maxim Integrated Products MAX924CPE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
about 2.2V, although the comparators will continue to
operate with a total supply voltage as low as 1V. While
the MAX924 has comparators that may be used at
supply voltages below 2V, the MAX921, MAX922, and
MAX923 may not be used with supply voltages sig-
nificantly below 2.5V.
At low supply voltages, the comparators’ output drive is
reduced and the propagation delay increases (see
Typical Operating Characteristics). The useful input
voltage range extends from the negative supply to a
little under 1V below the positive supply, which is
slightly closer to the positive rail than the device
operating from higher supply voltages. Test your
prototype over the full temperature and supply-voltage
range if operation below 2.5V is anticipated.
Comparator Output
With 100mV of overdrive, propagation delay is typically
3µs. The Typical Operating Characteristics show the
propagation delay for various overdrive levels.
The MAX921 and MAX924 output swings from V+ to
GND, so TTL compatibility is assured by using a +5V
±10% supply. The negative supply does not affect the
output swing, and can range from 0V to -5V ±10%.
The MAX922 and MAX923 have no GND pin, and their
outputs swing from V+ to V-. Connect V- to ground and
V+ to a +5V supply to achieve TTL compatibility.
The MAX921–MAX924’s unique design achieves an
output source current of more than 40mA and a sink
current of over 5mA, while keeping quiescent currents in
the microampere range. The output can source 100mA
(at V+ = 5V) for short pulses, as long as the package's
maximum power dissipation is not exceeded. The
output stage does not generate crowbar switching
currents during transitions, which minimizes feedback
through the supplies and helps ensure stability without
bypassing.
Voltage Reference
The internal bandgap voltage reference has an output
of 1.182V above V-. Note that the REF voltage is
referenced to V-, not to GND. Its accuracy is ±1% in
the range 0°C to +70°C. The REF output is typically
capable of sourcing 15µA and sinking 8µA. Do not
bypass the REF output.
Noise Considerations
Although the comparators have a very high gain, useful
gain is limited by noise. This is shown in the Transfer
Function graph (see Typical Operating Characteristics).
As the input voltage approaches the comparator's
offset, the output begins to bounce back and forth; this
peaks when VIN = VOS. (The lowpass filter shown on
the graph averages out the bouncing, making the
transfer function easy to observe.) Consequently, the
comparator has an effective wideband peak-to-peak
noise of around 0.3mV. The voltage reference has
peak-to peak noise approaching 1mV. Thus, when a
Ultra Low-Power,
Single/Dual-Supply Comparators
_______________________________________________________________________________________
9
THRESHOLDS
OUT
IN-
IN+
VHB
HYSTERESIS
BAND
VREF - VHYST
Figure 2. Threshold Hysteresis Band
7
2
5
6
HYST
REF
V-
V+
R1
R2
MAX921
MAX923
2.5V TO 11V
IREF
Figure 3. Programming the HYST Pin


Similar Part No. - MAX924CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX924CPE MAXIM-MAX924CPE Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
More results

Similar Description - MAX924CPE

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com