Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440LH086M10 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 440LH086M10
Description  EMI/RFI Tinel-Lock짰 Ring Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440LH086M10 Datasheet(HTML) 2 Page - Glenair, Inc.

  440LH086M10 Datasheet HTML 1Page - Glenair, Inc. 440LH086M10 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 67
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
A-F-L-S
03
08
10
12
14
16
18
20
22
24
28
32
36
40
44
48
61
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
H
Max
.906 (23.0)
.906 (23.0)
.966 (24.5)
1.026 (26.1)
1.076 (27.3)
1.136 (28.9)
1.176 (29.9)
1.236 (31.4)
1.296 (32.9)
1.356 (34.4)
1.636 (41.6)
1.766 (44.9)
1.876 (47.7)
1.986 (50.4)
2.106 (53.5)
2.236 (56.8)
1.546 (39.3)
J
Max
1.00
(25.4)
1.00
(25.4)
1.06
(26.9)
1.12
(28.4)
1.19
(30.2)
1.25
(31.8)
1.27
(32.3)
1.33
(33.8)
1.41
(35.8)
1.48
(37.6)
1.72
(43.7)
1.81
(46.0)
1.92
(48.8)
2.03
(51.6)
2.16
(54.9)
2.28
(57.9)
1.57
(39.9)
G
Max
.89
(22.6)
.89
(22.6)
.92
(23.4)
.94
(23.9)
.97
(24.6)
.99
(25.1)
1.00
(25.4)
1.02
(25.9)
1.06
(26.9)
1.09
(27.7)
1.26
(32.0)
1.30
(33.0)
1.35
(34.3)
1.39
(35.3)
1.44
(36.6)
1.49
(37.8)
1.21
(30.7)
F
Max
.796 (20.2)
.796 (20.2)
.816 (20.7)
.846 (21.5)
.866 (22.0)
.886 (22.5)
.906 (23.0)
.926 (23.5)
.956 (24.3)
.976 (24.8)
1.196 (30.4)
1.246 (31.6)
1.296 (32.9)
1.336 (33.9)
1.396 (35.5)
1.446 (36.7)
1.156 (29.4)
See inside back
cover fold-out or
pages 13 and 14
for Tables I and II.
TABLE III: ELBOW DIMENSIONS
1. When maximum cable entry (page 21) is exceeded, Style 2 will be
supplied.
Dimensions E, F, G, and H will not apply. Please consult factory.
2. Metric dimensions (mm) are indicated in parentheses.
3. Interface O-Ring not supplied with Connector Designator A.
4. Consult factory for shorter lengths on straight backshells.
5. See pages 40 for Shrink Boot Reference Information.
Dash
No.
04
05
06
07
08
10
12
14
16
18
20
* Raychem Shrink Boot and Epoxy/Polyamide Two Part Adhesive Paste (S1125) Supplied with "T1" Option
(See Part Number Development)
** Raychem Shrink Boot and Hot-Melt/Polyolyfin Adhesive Supplied with "T2" Option (See Part Number
Development) - This is a Halogen Free System
TABLE IV: CABLE ENTRY
K
I.D.
.250
(6.4)
.312
(7.9)
.375
(9.5)
.437 (11.1)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
M
+.008
(.2)
-.000
(.0)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.069
(1.8)
.069
(1.8)
.069
(1.8)
.069
(1.8)
L
Dia Max
.375
(9.5)
.437 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
Shrink Boot
Option T1*
202K121-25-0
202K132-25-0
202K132-25-0
202K142-25-0
202K142-25-0
202K153-25-0
202K153-25-0
202K163-25-0
202K163-25-0
202K174-25-0
202K174-25-0
Tinel-Lock®
Ring Entry
Size
04
05
06
07
08
10
12
14
16
18
20
Ring
Braid Type
Designator
Single Layer 36 AWG
AI
Single Layer 34 AWG
AI
Single Layer 32 AWG
BI
Single Layer 30 AWG
BI
Double Layer 36 AWG
BI
Double Layer 34 AWG
BI
Double Layer 32 AWG
CI
TABLE V: TINEL-LOCK® RING
Shrink Boot
Option T2*
202K121-100-0
202K132-100-0
202K132-100-0
202K142-100-0
202K142-100-0
202K153-100-0
202K153-100-0
202K163-100-0
202K163-100-0
202K174-100-0
202K174-100-0
440-086
EMI/RFI Tinel-Lock® Ring Adapter
Self-Locking Rotatable Coupling - Standard Profile


Similar Part No. - 440LH086M10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440LH084M08 GLENAIR-440LH084M08 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440LH084M10 GLENAIR-440LH084M10 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440LH084M12 GLENAIR-440LH084M12 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440LH084M14 GLENAIR-440LH084M14 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440LH084M16 GLENAIR-440LH084M16 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
More results

Similar Description - 440LH086M10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AH084M08 GLENAIR-440AH084M08 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440AH085M08 GLENAIR-440AH085M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Direct Coupling - Standard Profile
440AF084M08 GLENAIR-440AF084M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440AF086M08 GLENAIR-440AF086M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Self-Locking Rotatable Coupling - Standard Profile
440AD001M08 GLENAIR-440AD001M08 Datasheet
55Kb / 2P
   EMI/RFI Crimp Ring Adapter
440AH063M08 GLENAIR-440AH063M08 Datasheet
77Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Standard Profile
440AC063M08 GLENAIR-440AC063M08 Datasheet
67Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Split Shell
440AH001M08 GLENAIR-440AH001M08 Datasheet
60Kb / 2P
   EMI/RFI Crimp Ring Adapter Direct Coupling - Standard Profile
440AH075NF08 GLENAIR-440AH075NF08_08 Datasheet
507Kb / 2P
   EMI/RFI Banding Adapter
logo
Tyco Electronics
002419-000 MACOM-002419-000 Datasheet
171Kb / 3P
   TINEL-LOCK ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com