Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX923CSA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX923CSA
Description  Ultra Low-Power, Single/Dual-Supply Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX923CSA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX923CSA Datasheet HTML 1Page - Maxim Integrated Products MAX923CSA Datasheet HTML 2Page - Maxim Integrated Products MAX923CSA Datasheet HTML 3Page - Maxim Integrated Products MAX923CSA Datasheet HTML 4Page - Maxim Integrated Products MAX923CSA Datasheet HTML 5Page - Maxim Integrated Products MAX923CSA Datasheet HTML 6Page - Maxim Integrated Products MAX923CSA Datasheet HTML 7Page - Maxim Integrated Products MAX923CSA Datasheet HTML 8Page - Maxim Integrated Products MAX923CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Ultra Low-Power,
Single/Dual-Supply Comparators
_______________________________________________________________________________________
5
1.22
1.14
-60
-20
60
140
REFERENCE VOLTAGE
vs. TEMPERATURE
1.16
1.20
TEMPERATURE (
°C)
20
100
1.18
1.21
1.15
1.19
1.17
-40
0
80
40
120
MILITARY TEMP. RANGE
EXTENDED TEMP. RANGE
COMMERCIAL
TEMP. RANGE
2.0
-60
140
MAX921
SUPPLY CURRENT vs.
TEMPERATURE
2.5
4.5
TEMPERATURE (
°C)
60
3.5
3.0
-20
20
100
4.0
V+ = 5V, V- = - 5V
V+ = 3V, V- = 0V
V+ = 5V, V- = 0V
IN+ = (IN- + 100mV)
4.5
1.5
-60
140
MAX922
SUPPLY CURRENT vs. TEMPERATURE
2.0
4.0
TEMPERATURE (
°C)
60
3.0
2.5
-20
20
100
3.5
IN+ = (IN- + 100mV)
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
V+ = 10V, V- = 0V
4.5
5.0
-60
140
MAX923
SUPPLY CURRENT vs. TEMPERATURE
2.0
4.0
TEMPERATURE (
°C)
60
3.0
2.5
-20
20
100
3.5
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
80
-80
010
30
50
HYSTERESIS CONTROL
-40
40
VREF -VHYST (mV)
20
40
0
60
-60
20
-20
NO CHANGE
OUTPUT LOW
OUTPUT HIGH
10
3
-60
140
MAX924
SUPPLY CURRENT vs. TEMPERATURE
4
8
TEMPERATURE (
°C)
60
6
5
-20
20
100
7
9
IN+ = (IN- + 100mV)
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
V+ = 5V, V- = -5V
10
0.01
1.0
2.0
2.5
MAX924
SUPPLY CURRENT vs.
LOW SUPPLY VOLTAGES
0.1
1
SINGLE-SUPPLY VOLTAGE (V)
1.5
5.0
0
-0.3
-0.1
0.3
TRANSFER FUNCTION
1.0
4.0
IN+ INPUT VOLTAGE (mV)
0.1
3.0
2.0
4.5
0.5
3.5
2.5
1.5
-0.2
0
0.2
100k
V0
10
μF
18
2
0
20
60
100
RESPONSE TIME vs.
LOAD CAPACITANCE
6
14
LOAD CAPACITANCE (nF)
40
80
10
16
4
12
8
VOLH
V- = 0V
VOHL
Typical Operating Characteristics (continued)
(V+ = 5V, V- = GND, TA = +25°C, unless otherwise noted).


Similar Part No. - MAX923CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX923CSA MAXIM-MAX923CSA Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
More results

Similar Description - MAX923CSA

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com