Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1037EKA+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1037EKA+T
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1037EKA+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1037EKA+T Datasheet HTML 4Page - Maxim Integrated Products MAX1037EKA+T Datasheet HTML 5Page - Maxim Integrated Products MAX1037EKA+T Datasheet HTML 6Page - Maxim Integrated Products MAX1037EKA+T Datasheet HTML 7Page - Maxim Integrated Products MAX1037EKA+T Datasheet HTML 8Page - Maxim Integrated Products MAX1037EKA+T Datasheet HTML 9Page - Maxim Integrated Products MAX1037EKA+T Datasheet HTML 10Page - Maxim Integrated Products MAX1037EKA+T Datasheet HTML 11Page - Maxim Integrated Products MAX1037EKA+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Detailed Description
The MAX1036–MAX1039 ADCs use successive-
approximation conversion techniques and input T/H cir-
cuitry to capture and convert an analog signal to a
serial 8-bit digital output. The MAX1036/MAX1037 are
4-channel ADCs, and the MAX1038/MAX1039 are 12-
channel ADCs. These devices feature a high-speed 2-
wire serial interface supporting data rates up to
1.7MHz. Figure 3 shows the simplified functional dia-
gram for the MAX1038/MAX1039.
Power Supply
The MAX1036–MAX1039 operate from a single supply
and consume 350µA at sampling rates up to 188ksps.
The MAX1037/MAX1039 feature a 2.048V internal
reference and the MAX1036/MAX1038 feature a 4.096V
internal reference. All devices can be configured for
use with an external reference from 1V to VDD.
Analog Input and Track/Hold
The MAX1036–MAX1039 analog input architecture con-
tains an analog input multiplexer (MUX), a T/H capaci-
tor, T/H switches, a comparator, and a switched
capacitor digital-to-analog converter (DAC) (Figure 4).
In single-ended mode, the analog input multiplexer con-
nects CT/H to the analog input selected by CS[3:0] (see
the
Configuration/Setup Bytes (Write Cycle) section). The
charge on CT/H is referenced to GND when converted. In
pseudo-differential mode, the analog input multiplexer
connects CT/H to the ‘+’ analog input selected by
CS[3:0]. The charge on CT/H is referenced to the ‘-’ ana-
log input when converted.
The MAX1036–MAX1039 input configuration is pseudo-
differential in that only the signal at the ‘+’ analog input
is sampled with the T/H circuitry. The ‘-’ analog input
signal must remain stable within ±0.5LSB (±0.1LSB for
best results) with respect to GND during a conversion.
To accomplish this, connect a 0.1µF capacitor from ‘-’
analog input to GND. See the
Single-Ended/Pseudo-
Differential Input section.
During the acquisition interval, the T/H switches are in
the track position and CT/H charges to the analog input
signal. At the end of the acquisition interval, the T/H
switches move to the hold position retaining the charge
on CT/H as a sample of the input signal.
During the conversion interval, the switched capacitive
DAC adjusts to restore the comparator input voltage to
zero within the limits of 8-bit resolution. This action
requires eight conversion clock cycles and is equiva-
lent to transferring a charge of 18pF (VIN+ - VIN-)
from CT/H to the binary weighted capacitive DAC form-
ing a digital representation of the analog input signal.
Sufficiently low source impedance is required to ensure
an accurate sample. A source impedance below 1.5kΩ
does not significantly degrade sampling accuracy. To
minimize sampling errors with higher source imped-
ances, connect a 100pF capacitor from the analog
input to GND. This input capacitor forms an RC filter
with the source impedance limiting the analog input
bandwidth. For larger source impedances, use a buffer
amplifier to maintain analog input signal integrity.
When operating in internal clock mode, the T/H circuitry
enters its tracking mode on the ninth falling clock edge
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel 2-Wire Serial 8-Bit ADCs
8
_______________________________________________________________________________________
PIN
MAX1036/
MAX1037
MAX1038/
MAX1039
NAME
FUNCTION
1, 2, 3
8, 7, 6
AIN0–AIN2
5, 4, 3, 2, 1
AIN3–AIN7
16, 15, 14
AIN8–AIN10
Analog Inputs
4
AIN3/REF
Analog Input 3/Reference Input or Output. Selected in the setup
register.
13
AIN11/REF
Analog Input 11/Reference Input or Output. Selected in the setup
register.
5
9
SCL
Clock Input
6
10
SDA
Data Input/Output
7
11
GND
Ground
812
VDD
Positive Supply. Bypass to GND with a 0.1µF capacitor.
Pin Description


Similar Part No. - MAX1037EKA+T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAX1037EKA ETC-MAX1037EKA Datasheet
46Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX1037EKA- MAXIM-MAX1037EKA- Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
More results

Similar Description - MAX1037EKA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com