Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440SD086M08 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 440SD086M08
Description  EMI/RFI Tinel-Lock Ring Adapter Self-Locking Rotatable Coupling - Standard Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440SD086M08 Datasheet(HTML) 2 Page - Glenair, Inc.

  440SD086M08 Datasheet HTML 1Page - Glenair, Inc. 440SD086M08 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 69
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum cable entry (page 21) is exceeded, Style 2 will
be supplied.
Dimensions E, F, G, and H will not apply. Please consult factory.
2. Metric dimensions (mm) are indicated in parentheses.
3. See pages 40 and 41 for Shrink Boot Reference Information.
4. The Tinel-Lock® ring designator must be specified according to
the type of cable braid used. Tinel-Lock® rings are marked with
thermochromic paint which changes color when the correct
installation temperature is reached.
BI rings are identified with a red spot.
A-F-L-S
08
10
12
14
16
18
20
22
24
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
H
Max
.84
(21.3)
.91
(23.1)
.97
(24.6)
1.03
(26.2)
1.09
(27.7)
1.16
(29.5)
1.22
(31.0)
1.28
(32.5)
1.34
(34.0)
J
Max
.56
(14.2)
.62
(15.7)
.69
(17.5)
.72
(18.3)
.81
(20.6)
.87
(22.1)
.94
(23.9)
1.00
(25.4)
1.06
(26.9)
G
Max
.62
(15.7)
.68
(17.3)
.75
(19.1)
.78
(19.8)
.88
(22.4)
.94
(23.9)
1.00
(25.4)
1.06
(26.9)
1.12
(28.4)
F
Max
.82
(20.8)
.82
(20.8)
.88
(22.4)
.94
(23.9)
1.00
(25.4)
1.07
(27.2)
1.14
(29.0)
1.20
(30.5)
1.26
(32.0)
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: ELBOW DIMENSIONS
Ring
Braid Type
Designator
Single Layer 36 AWG
AI
Single Layer 34 AWG
AI
Single Layer 32 AWG
BI
Single Layer 30 AWG
BI
Double Layer 36 AWG
BI
Double Layer 34 AWG
BI
Double Layer 32 AWG
CI
TABLE V: TINEL-LOCK® RING
Dash
No.
04
05
06
07
08
10
12
14
16
18
20
K
I.D.
.250
(6.4)
.312
(7.9)
.375
(9.5)
.437 (11.1)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
M
+.008
(.2)
-.000
(.0)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.044
(1.1)
.069
(1.8)
.069
(1.8)
.069
(1.8)
.069
(1.8)
L
Dia Max
.375
(9.5)
.437 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
* Raychem Shrink Boot (Page 41) and Epoxy/Polyamide Two Part Adhesive Paste (S1125) Supplied with
"T1" Option (See Part Number Development)
** Raychem Shrink Boot and Hot-Melt/Polyolyfin Adhesive Supplied with "T2" Option (See Part Number
Development) - This is a Halogen Free System
Shrink Boot
Option T1*
202K121-25-0
202K132-25-0
202K132-25-0
202K142-25-0
202K142-25-0
202K153-25-0
202K153-25-0
202K163-25-0
202K163-25-0
202K174-25-0
202K174-25-0
TABLE IV: CABLE ENTRY
Tinel-Lock®
Ring Entry
Size
04
05
06
07
08
10
12
14
16
18
20
Shrink Boot
Option T2*
202K121-100-0
202K132-100-0
202K132-100-0
202K142-100-0
202K142-100-0
202K153-100-0
202K153-100-0
202K163-100-0
202K163-100-0
202K174-100-0
202K174-100-0
440-086
EMI/RFI Tinel-Lock® Ring Adapter
Self-Locking Rotatable Coupling - Standard Profile


Similar Part No. - 440SD086M08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440SD084M08 GLENAIR-440SD084M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440SD084M10 GLENAIR-440SD084M10 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440SD084M12 GLENAIR-440SD084M12 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440SD084M14 GLENAIR-440SD084M14 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440SD084M16 GLENAIR-440SD084M16 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
More results

Similar Description - 440SD086M08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
440AH084M08 GLENAIR-440AH084M08 Datasheet
471Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
440AF084M08 GLENAIR-440AF084M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Split Shell
440AH075NF08 GLENAIR-440AH075NF08 Datasheet
52Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AH085M08 GLENAIR-440AH085M08 Datasheet
46Kb / 2P
   EMI/RFI Tinel-Lock Ring Adapter Direct Coupling - Standard Profile
440AH072NF08 GLENAIR-440AH072NF08 Datasheet
57Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
440AH063M08 GLENAIR-440AH063M08 Datasheet
77Kb / 2P
   EMI/RFI Crimp Ring Adapter Rotatable Coupling - Standard Profile
440AH069M08 GLENAIR-440AH069M08 Datasheet
59Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Standard Profile
440AM075NF08 GLENAIR-440AM075NF08 Datasheet
48Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Full Radius Profile
440AC075NF08 GLENAIR-440AC075NF08 Datasheet
135Kb / 2P
   EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Split Shell
440AM072NF08 GLENAIR-440AM072NF08 Datasheet
52Kb / 2P
   EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Full Radius Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com