Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1075 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1075
Description  1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1075 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1075 Datasheet HTML 1Page - Maxim Integrated Products MAX1075 Datasheet HTML 2Page - Maxim Integrated Products MAX1075 Datasheet HTML 3Page - Maxim Integrated Products MAX1075 Datasheet HTML 4Page - Maxim Integrated Products MAX1075 Datasheet HTML 5Page - Maxim Integrated Products MAX1075 Datasheet HTML 6Page - Maxim Integrated Products MAX1075 Datasheet HTML 7Page - Maxim Integrated Products MAX1075 Datasheet HTML 8Page - Maxim Integrated Products MAX1075 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX1072/MAX1075 low-power, high-speed, serial-
output, 10-bit, analog-to-digital converters (ADCs) oper-
ate at up to 1.8Msps. These devices feature true-differen-
tial inputs, offering better noise immunity, distortion
improvements, and a wider dynamic range over single-
ended inputs. A standard SPI™/QSPI™/MICROWIRE™
interface provides the clock necessary for conversion.
These devices easily interface with standard digital signal
processor (DSP) synchronous serial interfaces.
The MAX1072/MAX1075 operate from a single +4.75V to
+5.25V supply voltage and require an external reference.
The MAX1072 has a unipolar analog input, while the
MAX1075 has a bipolar analog input. These devices fea-
ture a partial power-down mode and a full power-down
mode for use between conversions, which lower the sup-
ply current to 1mA (typ) and 1µA (max), respectively. Also
featured is a separate power-supply input (VL), which
allows direct interfacing to +1.8V to VDD digital logic. The
fast conversion speed, low-power dissipation, excellent
AC performance, and DC accuracy (
±0.5 LSB INL) make
the MAX1072/MAX1075 ideal for industrial process con-
trol, motor control, and base-station applications.
The MAX1072/MAX1075 come in a 12-pin TQFN pack-
age, and are available in the extended (-40°C to +85°C)
temperature range.
Applications
Data Acquisition
Bill Validation
Motor Control
Communications
Portable Instruments
Features
o 1.8Msps Sampling Rate
o Only 45mW (typ) Power Dissipation
o Only 1µA (max) Shutdown Current
o High-Speed, SPI-Compatible, 3-Wire Serial Interface
o 61dB S/(N + D) at 525kHz Input Frequency
o Internal True-Differential Track/Hold (T/H)
o External Reference
o No Pipeline Delays
o Small 12-Pin TQFN Package
1.8Msps, Single-Supply, Low-Power,
True-Differential, 10-Bit ADCs
________________________________________________________________
Maxim Integrated Products
1
12
AIN+
11
N.C.
10
SCLK
45
N.C.
6
GND
1
2
REF
3
9
8
7
RGND
CNVST
DOUT
VL
MAX1072
MAX1075
AIN-
VDD
TQFN
TOP VIEW
PART
TEMP RANGE
PIN-
PACKAGE
INPUT
MAX1072ETC+T
-40
°C to +85°C 12 TQFN
Unipolar
MAX1075ETC+T
-40
°C to +85°C 12 TQFN
Bipolar
Pin Configuration
Ordering Information
MAX1072
MAX1075
DOUT
AIN+
REF
4.7
μF
10
μF
10
μF
+4.75V TO +5.25V
0.01
μF
0.01
μF
0.01
μF
+1.8V TO VDD
AIN-
REF
VDD
DIFFERENTIAL
INPUT
VOLTAGE
RGND
VL
GND
CNVST
SCLK
μC/DSP
+
-
Typical Operating Circuit
19-3153; Rev 1; 4/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.


Similar Part No. - MAX1075

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1075 MAXIM-MAX1075 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1075CTC-T MAXIM-MAX1075CTC-T Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1075ETC-T MAXIM-MAX1075ETC-T Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
More results

Similar Description - MAX1075

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1072 MAXIM-MAX1072 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1274 MAXIM-MAX1274 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 1/04
MAX1274 MAXIM-MAX1274_09 Datasheet
843Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1076 MAXIM-MAX1076 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com