Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHS1206 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # CHS1206
Description  High-Value Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

CHS1206 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  CHS1206 Datasheet HTML 1Page - RHOPOINT COMPONENTS CHS1206 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SRT Resistor Technology
SRT Resistor Technology GmbH
Fon:
+49 (0)9103 / 7952-0
Ostlandstr. 31
Fax:
+49 (0)9103 / 5128
D-90556 Cadolzburg
E-mail:
info@srt-restech.de
Germany
Internet:
www.srt-restech.de
High-Value Chip Resistors
Type: CHS
Sizes: 0402, 0603, 0805, 1206, 1210, 2512, 4020
Technical data – depending on size:
Size
0402
0603
0805
1206
1210
2512
4020
Power rating P70 (mW)
(P155 = 0 mW)
50
100
125
250
350
1000
1)
1500
1)
Max. Working Voltage
U_, Ueff (V)
trimmed
untrimmed (Tol. > 5%)
30
100
75
220
100
300
200
600
300
900
1000
2000
4000
6000
Ranges/Tolerances/
TCR
2)/VCR
10M – 100M
5/10/20%
TC50/100
<500 ppm/V
1/5/10/20%
TC50/100
<250 ppm/V
0.5/1/5/10/20%
TC50/100
<100 ppm/V
0.5/1/5/10/20%
TC25/50/100
<100 ppm/V
0.5/1/5/10/20%
TC25/50/100
<50 ppm/V
0.5/…/20%
TC25/50/100
<10 ppm/V
0.25/…/10%
TC25/50/100
<5 ppm/V
>100M – 500M
5/10/20%
TC100/250
<1000 ppm/V
2/5/10/20%
TC100/250
<500 ppm/V
2/5/10/20%
TC100/250
<250 ppm/V
2/5/10/20%
TC50/100/250
<100 ppm/V
2/5/10/20%
TC50/100/250
<100 ppm/V
1/5/10/20%
TC25/50/100
<25 ppm/V
0.5/…/20%
TC25/50/100
<10 ppm/V
>500M – 1G
5/10/20%
TC250/500
<1000 ppm/V
5/10/20%
TC250/500
<500 ppm/V
5/10/20%
TC250/500
<250 ppm/V
5/10/20%
TC100/250
<250 ppm/V
5/10/20%
TC100/250
<100 ppm/V
1/5/10/20%
TC100/250
<25 ppm/V
1/5/10/20%
TC25/50/100
<10 ppm/V
>1G – 10G
10/20/30%
TC1000/2000
<2000 ppm/V
5/10/20/30%
TC500/1000
<2000 ppm/V
5/10/20%
TC500/1000
<1000 ppm/V
5/10/20%
TC500/1000
<1000 ppm/V
5/10/20%
TC250/500
<500 ppm/V
2/5/10/20%
TC250/500
<100 ppm/V
2/5/10/20%
TC50/100
<25 ppm/V
>10G – 100G
10/20/30%
TC1000/2000
<10000 ppm/V
10/20/30%
TC1000/2000
<5000 ppm/V
10/20/30%
TC1000/2000
<2000 ppm/V
5/10/20%
TC500/1000
<1000 ppm/V
5/10/20%
TC250/500
<250 ppm/V
5/10/20/30%
TC100/250
<100 ppm/V
>100G – 1T
10/20/30%
TC3000
<15000 ppm/V
10/20/30%
TC3000
<10000 ppm/V
10/20/30%
TC3000
<5000 ppm/V
10/20/30%
TC1000/2000
<2000 ppm/V
10/20/30%
TC500/1000
<500 ppm/V
10/20/30%
TC250/500
<250 ppm/V
1)
At continuous power dissipation the dimensions of solder-pads have to secure sufficient heat-conduction
2)
TC25/50: Temperature range +25°C...+85°C
Lower values of tolerance, TCR and VCR on request and agreement
Technical data – general:
Temperature range
-55°C ... +155°C
Climatic category acc. to DIN EN 60068-1
55/155/56
Solderability acc DIN EN 60068-2-58 (lead-free and lead-containing)
3)
250°C, 3s
Maximum soldering temperature acc. DIN EN 60068-2-58
260°C, 10s
Extended temperature range up to 300°C possible-
see datasheet: High temperature chip resistors
Long term stability
<1G
<10G
≥10G
Storage 125°C/1000h
<1%
<2%
<5%
Maximum Voltage/1000h
<0.5%
<1%
<2%
3)
Up to 6 months after shipment; longer at storage in Nitrogen
Data not specified according EN 140401-802 (CECC 40401-802)
Issue 07-2008


Similar Part No. - CHS1206

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CHS1206 RIEDON-CHS1206 Datasheet
44Kb / 2P
   High Resistance Thick Film chip Resistors
More results

Similar Description - CHS1206

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
logo
American Accurate Compo...
CRH10107KM AAC-CRH10107KM_17 Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
logo
Vishay Siliconix
RMK22N VISHAY-RMK22N Datasheet
85Kb / 3P
   Single Value Chip Resistors
Revision: 11-Mar-14
RMK55N VISHAY-RMK55N Datasheet
91Kb / 3P
   Single Value Chip Resistors
Revision: 06-Oct-08
logo
Bourns Electronic Solut...
CRL0603-FW-R090ELF BOURNS-CRL0603-FW-R090ELF Datasheet
215Kb / 3P
   Low Value Chip Resistors
CRL BOURNS-CRL Datasheet
225Kb / 3P
   Low Value Chip Resistors
logo
RCD COMPONENTS INC.
SRH2512H-1003-KB RCD-SRH2512H-1003-KB Datasheet
56Kb / 1P
   PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
logo
Welwyn Components Limit...
LRF3W WELWYN-LRF3W Datasheet
306Kb / 3P
   Low Value 3W Chip Resistors
logo
TT Electronics.
LRF3W TTELEC-LRF3W_17 Datasheet
538Kb / 3P
   Low Value 3W Chip Resistors
logo
Bi technologies
LRF3W-R05JW BITECH-LRF3W-R05JW Datasheet
139Kb / 3P
   Low Value 3W Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com