Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX291EPA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX291EPA
Description  8th-Order, Lowpass, Switched-Capacitor Filters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX291EPA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX291EPA Datasheet HTML 2Page - Maxim Integrated Products MAX291EPA Datasheet HTML 3Page - Maxim Integrated Products MAX291EPA Datasheet HTML 4Page - Maxim Integrated Products MAX291EPA Datasheet HTML 5Page - Maxim Integrated Products MAX291EPA Datasheet HTML 6Page - Maxim Integrated Products MAX291EPA Datasheet HTML 7Page - Maxim Integrated Products MAX291EPA Datasheet HTML 8Page - Maxim Integrated Products MAX291EPA Datasheet HTML 9Page - Maxim Integrated Products MAX291EPA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
error on its respective poles, while the same mismatch in a
ladder filter design will spread its error over all poles.
The MAX291/MAX292/MAX295/MAX296 input impedance
is effectively that of a switched-capacitor resistor (see
equation below, and Table 1), and it is inversely proportion-
al to frequency. The input impedance values determined
below represent average input impedance, since the input
current is not continuous. The input current flows in a series
of pulses that charge the input capacitor every time the
appropriate switch is closed. A good rule of thumb is that
the driver’s input source resistance should be less than
10% of the filter’s input impedance. The input impedance
of the filter can be estimated using the following formula:
Z = 1 / (fCLK * C)
where: fCLK = Clock Frequency
The input impedance for various clock frequencies is
given below:
Clock-Signal Requirements
The MAX291/MAX292/MAX295/MAX296 maximum rec-
ommended clock frequency is 2.5MHz, producing a cutoff
frequency of 25kHz for the MAX291/MAX292 and 50kHz
for the MAX295/MAX296. The CLK pin can be driven by
an external clock or by the internal oscillator with an exter-
nal capacitor. For external clock applications, the clock
circuitry has been designed to interface with +5V CMOS
logic. Drive the CLK pin with a CMOS gate powered from
0V and +5V when using either a single +5V supply or dual
+5V supplies. The MAX291/MAX292/MAX295/MAX296
supply current increases slightly (<3%) with increasing
clock frequency over the clock range 100kHz to 1MHz.
Varying the rate of an external clock will dynamically ad-
just the corner frequency of the filter.
Ideally, the MAX291/MAX292/MAX295/MAX296 should
be clocked symmetrically (50% duty cycle). MAX291/
MAX292/MAX295/MAX296 can be operated with clock
asymmetry of up to 60/40% (or 40/60%) if the clock
remains HIGH and LOW for at least 200ns. For example,
if the part has a maximum clock rate of 2.5MHz, then the
clock should be high for at least 200ns, and low for at
least 200ns.
When using the internal oscillator, the capacitance (COSC)
on the CLK pin determines the oscillator frequency:
The stray capacitance at CLK should be minimized be-
cause it will affect the internal oscillator frequency.
___________Application Information
Power Supplies
The MAX291/MAX292/MAX295/MAX296 operate from
either dual or single power supplies. The dual-supply volt-
age range is +2.375V to +5.500V. The ±2.5V dual supply is
equivalent to single-supply operation (Figure 3). Minor per-
formance degradation could occur due to the external
resistor divider network, where the GND pin is biased to
mid-supply.
Input Signal Range
The ideal input signal range is determined by observing at
what voltage level the total harmonic distortion plus noise
(THD + Noise) ratio is maximized for a given corner fre-
quency. The
Typical Operating Characteristics show the
MAX291/MAX292/MAX295/MAX296 THD + Noise response
as the input signal’s peak-to-peak amplitude is varied.
Uncommitted Op Amp
The uncommitted op amp has its noninverting input tied
to the GND pin, and can be used to build a 1st- or 2nd-
f
kHz
CpF
OSC
OSC
()
()
10
3
5
8th-Order, Lowpass,
Switched-Capacitor Filters
_______________________________________________________________________________________
7
C2
R1
L1
L3
L5
L7
VIN
C4
C6
C8
R2
VO
Figure 2. 8th-Order Ladder Filter Network
MAX29_
CLK
1
-1V to +4V
INPUT SIGNAL
RANGE
5
+5V
OUTPUT
0V
6
3
4
+5V
0V
8
OUT
GND
V-
V+
7
2
OP OUT
OP IN-
IN
0.1
µF
10k
10k
0.1
µF
Figure 3. +5V Single-Supply Operation
Table 1. Input Impedance for Various Clock
Frequencies
1000kHz
(kΩ)
446
305
224
237
100kHz
(MΩ)
4.46
3.05
2.24
2.37
10kHz
(MΩ)
44.6
30.5
22.4
23.7
C (pF)
MAX291
2.24
MAX292
3.28
PART
MAX295
4.47
MAX296
4.22
Pin Configuration is 8-pin DIP.


Similar Part No. - MAX291EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291EPA MAXIM-MAX291EPA Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291EPA MAXIM-MAX291EPA Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
More results

Similar Description - MAX291EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
   8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com