Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX712 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX712
Description  NiCd/NiMH Battery Fast-Charge Controllers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX712 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX712 Datasheet HTML 1Page - Maxim Integrated Products MAX712 Datasheet HTML 2Page - Maxim Integrated Products MAX712 Datasheet HTML 3Page - Maxim Integrated Products MAX712 Datasheet HTML 4Page - Maxim Integrated Products MAX712 Datasheet HTML 5Page - Maxim Integrated Products MAX712 Datasheet HTML 6Page - Maxim Integrated Products MAX712 Datasheet HTML 7Page - Maxim Integrated Products MAX712 Datasheet HTML 8Page - Maxim Integrated Products MAX712 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX712/MAX713 fast-charge Nickel Metal Hydride
(NiMH) and Nickel Cadmium (NiCd) batteries from a DC
source at least 1.5V higher than the maximum battery
voltage. 1 to 16 series cells can be charged at rates up
to 4C. A voltage-slope detecting analog-to-digital convert-
er, timer, and temperature window comparator determine
charge completion. The MAX712/MAX713 are powered
by the DC source via an on-board +5V shunt regulator.
They draw a maximum of 5µA from the battery when not
charging. A low-side current-sense resistor allows the
battery charge current to be regulated while still
supplying power to the battery’s load.
The MAX712 terminates fast charge by detecting zero
voltage slope, while the MAX713 uses a negative
voltage-slope detection scheme. Both parts come in 16-
pin DIP and SO packages. An external power PNP tran-
sistor, blocking diode, three resistors, and three
capacitors are the only required external components.
The evaluation kit is available: Order the MAX712EVKIT-
DIP for quick evaluation of the linear charger.
________________________Applications
Battery-Powered Equipment
Laptop, Notebook, and Palmtop Computers
Handy-Terminals
Cellular Phones
Portable Consumer Products
Portable Stereos
Cordless Phones
Features
♦ Fast-Charge NiMH or NiCd Batteries
♦ Voltage Slope, Temperature, and Timer
Fast-Charge Cutoff
♦ Charge 1 to 16 Series Cells
♦ Supply Battery’s Load While Charging
(Linear Mode)
♦ Fast Charge from C/4 to 4C Rate
♦ C/16 Trickle-Charge Rate
♦ Automatically Switch from Fast to Trickle Charge
♦ Linear Mode Power Control
♦ 5µA (max) Drain on Battery when Not Charging
♦ 5V Shunt Regulator Powers External Logic
NiCd/NiMH Battery
Fast-Charge Controllers
________________________________________________________________ Maxim Integrated Products
1
MAX712
MAX713
THI
R2
150
Ω
R3
68k
Ω
R4
22k
Ω
R1
10
μF
C4
0.01
μF
C1
1
μF
C3
10
μF
C2
0.01
μF
DRV
Q1
2N6109
DC IN
WALL
CUBE
D1
1N4001
BATTERY
RSENSE
V+
VLIMIT
BATT+
REF
TEMP
BATT- TLO GND
CC
LOAD
Typical Operating Circuit
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
REF
V+
DRV
GND
BATT-
CC
PGM3
PGM2
VLIMIT
BATT+
PGM0
PGM1
THI
TLO
TEMP
FASTCHG
TOP VIEW
MAX712
MAX713
DIP/SO
Pin Configuration
19-0100; Rev 6; 12/08
PART
MAX712CPE
MAX712CSE
MAX712C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
Dice*
Ordering Information
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
**Contact factory for availability and processing to MIL-STD-883.
MAX712EPE
MAX712ESE
MAX712MJE
-55°C to +125°C
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
16 CERDIP**
EVALUATION
KIT
AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.


Similar Part No. - MAX712

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
MAX712 MAXIM-MAX712 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712-MAX713 MAXIM-MAX712-MAX713 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
MAX7129 MAXIM-MAX7129 Datasheet
628Kb / 12P
   4-1/2 Digit Single-Chip A/D Converter with LCD Driver
MAX7129CC/D MAXIM-MAX7129CC/D Datasheet
628Kb / 12P
   4-1/2 Digit Single-Chip A/D Converter with LCD Driver
More results

Similar Description - MAX712

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com