Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX253ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX253ESA
Description  Transformer Driver for Isolated RS-485 Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX253ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX253ESA Datasheet HTML 7Page - Maxim Integrated Products MAX253ESA Datasheet HTML 8Page - Maxim Integrated Products MAX253ESA Datasheet HTML 9Page - Maxim Integrated Products MAX253ESA Datasheet HTML 10Page - Maxim Integrated Products MAX253ESA Datasheet HTML 11Page - Maxim Integrated Products MAX253ESA Datasheet HTML 12Page - Maxim Integrated Products MAX253ESA Datasheet HTML 13Page - Maxim Integrated Products MAX253ESA Datasheet HTML 14Page - Maxim Integrated Products MAX253ESA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Transformer Driver for
Isolated RS-485 Interface
______________________________________________________________________________________
11
10µF
5V
MAX253
D1
D2
GND1
GND2
VCC
1
8
6
27
1N5817
SD
4
1N5817
1CT:5CT*
49.9k
Ω
7
6
3
2
4
7
6
3
2
4
10k
Ω
24.9
Ω
2N3904
MAX480
MAX480
5V
0.1V to 0.5V
ISO
5V
78L05
IL300
4
3
2
1
5
6
24V UNREGULATED
49.9k
Ω
RL
0k
Ω to 1kΩ
2N3904
*SEE TABLE 2
ISOLATION
BARRIER
VIN
Figure 8. Typical 4mA to 20mA Application Circuit
Output-Ripple Filtering
A simple lowpass pi-filter (Figures 6 and 7) can be added
to the output to reduce output ripple noise to about
10mVp-p. The cutoff frequency shown is 21kHz. Since the
filter inductor is in series with the circuit output, minimize its
resistance so the voltage drop across it is not excessive.
Isolated 4mA to 20mA Analog Interface
The 4mA to 20mA current loop is a standard analog
signal range that is widely used in the process-control
industry for transducer and actuator control signals.
These signals are commonly referred to a distant
ground that may be at a considerably higher voltage
with respect to the local ground.
An analog signal in the range of 0.1V to 0.5V is applied
to the first MAX480 to generate a signal current in the
range of 20µA to 100µA. This low-level signal is trans-
ferred across the barrier by the Siemens IL300 linear
optocoupler. This device is unique in that it corrects
the dominant nonlinearity present in most optocou-
plers—the LED efficiency variation. The IL300 is really
two optocouplers in the same package sharing the same
LED; one detector is across the isolation barrier, the
other is on the same side as the LED (Figure 8). The lat-
ter detector is used to generate a feedback signal identi-
cal to the signal on the isolated side of the barrier. The
current signal transferred across the barrier is converted
back to a voltage that matches the input in the 100mV to
500mV range. This voltage is then transformed to the
final 4mA to 20mA current signal range by the second
MAX480, Darlington stage, and the 20
Ω resistor.
Isolated ADC
Almost any serial-interface device is a candidate for
operation across an isolation barrier; Figure 10 illus-
trates one example. The MAX176 analog-to-digital
converter (ADC) operates from +5V and -12V supplies,
provided by the multiple-tapped secondary and linear
regulators. If some additional isolated power is needed
for signal conditioning, multiplexing, or possibly for a


Similar Part No. - MAX253ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX253ESA MAXIM-MAX253ESA Datasheet
230Kb / 16P
   Transformer Driver for Isolated RS-485 Interface
19-0226; Rev 0; 1/94
MAX253ESA MAXIM-MAX253ESA Datasheet
545Kb / 18P
   Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
MAX253ESA MAXIM-MAX253ESA Datasheet
579Kb / 18P
   MAX253 Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
MAX253ESA MAXIM-MAX253ESA Datasheet
296Kb / 18P
   Transformer Driver for Isolated RS-485 Interface
2015
MAX253ESA/V MAXIM-MAX253ESA/V Datasheet
545Kb / 18P
   Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
More results

Similar Description - MAX253ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX253 MAXIM-MAX253_10 Datasheet
545Kb / 18P
   Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
MAX253 MAXIM-MAX253 Datasheet
230Kb / 16P
   Transformer Driver for Isolated RS-485 Interface
19-0226; Rev 0; 1/94
MAX253 MAXIM-MAX253_V01 Datasheet
296Kb / 18P
   Transformer Driver for Isolated RS-485 Interface
2015
MAX253CPA MAXIM-MAX253CPA Datasheet
579Kb / 18P
   MAX253 Transformer Driver for Isolated RS-485 Interface
Rev 2; 4/10
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
   TRANSFORMER FOR RS-485 / RS-232 INTERFACE
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com