Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4560S-LO+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS4560S-LO+T
Description  12V Hot-Plug Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4560S-LO+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS4560S-LO+T Datasheet HTML 1Page - Maxim Integrated Products DS4560S-LO+T Datasheet HTML 2Page - Maxim Integrated Products DS4560S-LO+T Datasheet HTML 3Page - Maxim Integrated Products DS4560S-LO+T Datasheet HTML 4Page - Maxim Integrated Products DS4560S-LO+T Datasheet HTML 5Page - Maxim Integrated Products DS4560S-LO+T Datasheet HTML 6Page - Maxim Integrated Products DS4560S-LO+T Datasheet HTML 7Page - Maxim Integrated Products DS4560S-LO+T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DS4560
THERMAL
LIMIT
EXTERNAL DISABLE
TIMER
CTIMER
+5V
2.5V
UVLO
CURRENT
LIMIT
CHARGE
PUMP
LOAD
+5V
VREG
OVERVOLTAGE
LIMIT
GND
R
R
RILIM
LOAD
ILIM
+12V
VCC
VRAMP
VCC
80
μA
80
μA
CVRAMP
Block Diagram/Typical Application Circuit
12V Hot-Plug Switch
_______________________________________________________________________________________
5
Detailed Description
The DS4560 begins to operate when VCC exceeds the
undervoltage lockout level, VUVLOR. At this level, the
enable circuit and TIMER pin become active. Once the
device has been enabled, a gate voltage is applied to
the power MOSFET, allowing current to begin flowing
from VCC to LOAD. The speed of the output-voltage
ramp is controlled by the capacitance placed at the
VRAMP pin. The load current is continuously monitored
during the initial voltage ramping (ISCL) and during nor-
mal operation (IOVL). If the current exceeds the current
limit that is set by the external resistance at ILIM, the
gate voltage of the power MOSFET is decreased,
reducing the output current to the set current limit.
Current is limited by the DS4560 comparing the voltage
difference between the LOAD and ILIM pins to an inter-
nal reference voltage. If the output current exceeds the
limit that is set by the RILIM resistor, the gate voltage of
the power MOSFET is decreased, which reduces the
output current to the load.
When the output power is initially ramping up, the current
limit is ISCL. Once the voltage ramping is complete, the
current limit is IOVL. The lower ISCL current limit protects
the source if there is a dead short on initial power-up.
The DS4560 acts as a fuse and automatically disables
the current flowing to the load when the temperature of
the power MOSFET has exceeded the shutdown junc-
tion temperature, TSHDN.


Similar Part No. - DS4560S-LO+T

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
logo
Astec America, Inc
DS450-3 ASTEC-DS450-3 Datasheet
187Kb / 3P
   450-550 Watts 12V DS450-3/DS550-3 Distributed Power System
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
   Distributed Power System
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
372Kb / 4P
   Distributed Power System
logo
Artesyn Technologies
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
   Distributed Power Bulk Front-End
More results

Similar Description - DS4560S-LO+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34561 MAXIM-MAX34561 Datasheet
1Mb / 11P
   12V/5V Hot-Plug Switch
Rev 0; 11/10
MAX34565 MAXIM-MAX34565 Datasheet
1Mb / 10P
   12V Hot-Plug Switch in TDFN Package
Rev 0; 12/11
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Intersil Corporation
ISL6111 INTERSIL-ISL6111 Datasheet
480Kb / 16P
   Current Regulated PCI Hot Plug Power Switch Controller
logo
Renesas Technology Corp
ISL6111 RENESAS-ISL6111 Datasheet
803Kb / 16P
   Current Regulated PCI Hot Plug Power Switch Controller
logo
Intersil Corporation
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
   PCI Hot Plug Controller
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com