Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2786G+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2786G+
Description  Stand-Alone OCV-Based Fuel Gauge
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2786G+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2786G+ Datasheet HTML 5Page - Maxim Integrated Products DS2786G+ Datasheet HTML 6Page - Maxim Integrated Products DS2786G+ Datasheet HTML 7Page - Maxim Integrated Products DS2786G+ Datasheet HTML 8Page - Maxim Integrated Products DS2786G+ Datasheet HTML 9Page - Maxim Integrated Products DS2786G+ Datasheet HTML 10Page - Maxim Integrated Products DS2786G+ Datasheet HTML 11Page - Maxim Integrated Products DS2786G+ Datasheet HTML 12Page - Maxim Integrated Products DS2786G+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DS2786 Stand-Alone OCV-Based Fuel Gauge
9 of 22
TEMPERATURE MEASUREMENT
The DS2786 uses an integrated temperature sensor to measure battery temperature with a resolution of 0.125°C.
Temperature measurements are updated every 1760ms and placed in the Temperature Register in two’s
complement form. The format of the Temperature Register is shown in Figure 7. The ITEMP bit in the
Status/Configuration Register must be set to enable the internal temperature measurement instead of the AIN1
measurement.
Figure 7. Temperature Register Format
MSB—Address 0Ah
LSB—Address 0Bh
S
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
X
X
X
X
X
MSb
LSb
MSb
LSb
“S”: sign bit(s), “X”: reserved
Units: 0.125
C
CURRENT MEASUREMENT
In the Active mode of operation, the DS2786 continually measures the current flow into and out of the battery by
measuring the voltage drop across a low-value current-sense resistor, RSNS, connected between the SNS and VSS
pins. The voltage sense range between SNS and VSS is ±51.2mV. Note that positive current values occur when
VSNS is less than VSS, and negative current values occur when VSNS is greater than VSS. Peak signal amplitudes up
to 102mV are allowed at the input as long as the continuous or average signal level does not exceed ±51.2mV over
the conversion cycle period. The ADC samples the input differentially and updates the Current Register every
880ms at the completion of each conversion cycle. Figure 8 describes the Current Measurement Register format
and resolution for each option. Charge currents above the maximum register value are reported at the maximum
value (7FFFh = +51.2mV). Discharge currents below the minimum register value are reported at the minimum
value (8000h = -51.2mV).
Every 1024th conversion, the ADC measures its input offset to facilitate offset correction to improve Current
accuracy. Offset correction occurs approximately every 15 minutes. The resulting correction factor is applied to the
subsequent 1023 measurements. During the offset correction conversion, the ADC does not make a measurement.
The current measurement just prior to the offset conversion is displayed in the Current Register.
Figure 8. Current Register Formats
MSB—Address 0Eh
LSB—Address 0Fh
S
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
X
X
X
X
MSb
LSb
MSb
LSb
“S”: sign bit
Units: 25
V/RSNS


Similar Part No. - DS2786G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2786G++ MAXIM-DS2786G+ Datasheet
347Kb / 21P
   Standalone OCV-Based Fuel Gauge
050907
DS2786G+TR MAXIM-DS2786G+TR Datasheet
347Kb / 21P
   Standalone OCV-Based Fuel Gauge
050907
More results

Similar Description - DS2786G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2786B MAXIM-DS2786B Datasheet
369Kb / 21P
   Stand-Alone OCV-Based Fuel Gauge
Rev 1; 4/10
DS2786 MAXIM-DS2786 Datasheet
347Kb / 21P
   Standalone OCV-Based Fuel Gauge
050907
DS2782 MAXIM-DS2782_09 Datasheet
452Kb / 28P
   Stand-Alone Fuel Gauge IC
5/09
DS2782 MAXIM-DS2782 Datasheet
291Kb / 25P
   Stand-Alone Fuel Gauge IC
REV: 042505
MAX17201 MAXIM-MAX17201 Datasheet
4Mb / 115P
   Stand-Alone ModelGauge m5 Fuel Gauge
Rev 2; 8/16
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
DS2788 MAXIM-DS2788_09 Datasheet
399Kb / 32P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 2; 5/09
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com