Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2756E+TR Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2756E+TR
Description  High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2756E+TR Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2756E+TR Datasheet HTML 1Page - Maxim Integrated Products DS2756E+TR Datasheet HTML 2Page - Maxim Integrated Products DS2756E+TR Datasheet HTML 3Page - Maxim Integrated Products DS2756E+TR Datasheet HTML 4Page - Maxim Integrated Products DS2756E+TR Datasheet HTML 5Page - Maxim Integrated Products DS2756E+TR Datasheet HTML 6Page - Maxim Integrated Products DS2756E+TR Datasheet HTML 7Page - Maxim Integrated Products DS2756E+TR Datasheet HTML 8Page - Maxim Integrated Products DS2756E+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
19-4633; 5/09
DS2756
High-Accuracy Battery Fuel Gauge
with Programmable Suspend Mode
1 of 27
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
www.maxim-ic.com
GENERAL DESCRIPTION
The DS2756 high-precision battery fuel gauge is a
data-acquisition
and
information-storage
device
tailored for cost-sensitive and space-constrained 1-
cell Li+/polymer battery-pack applications. The
DS2756 provides the key hardware components
required to accurately estimate remaining capacity by
integrating low-power, precision measurements of
temperature,
voltage,
current,
and
current
accumulation, as well as nonvolatile (NV) data
storage, into the small footprint of a 3.0mm x 4.4mm
8-pin TSSOP package.
Through its 1-Wire
 interface, the DS2756 gives the
host system read/write access to status and control
registers, instrumentation registers, and general-
purpose data storage. Each device has a unique
factory-programmed 64-bit net address that allows it
to be individually addressed by the host system,
supporting multibattery operation.
TYPICAL OPERATING CIRCUIT
FEATURES
Programmable Suspend Mode
Accurate Current Accumulation
- 2% ±4
V over ±64mV Input Range
- 2% ±200
A over ±3.2A with 20m Sense
Current Measurement
- 9-Bit Snapshot Measurement
- 12-Bit Average Updated Every 88ms
- 15-Bit Average Updated Every 2.8s
Voltage Measurement
- 9-Bit Snapshot Measurement
- 10-Bit Average Updated Every 4ms
Temperature Measurement
- 10-Bit with 0.125
C Resolution
Snapshot Mode Allows Instantaneous Power
Measurement
Host Alerted When Accumulated Current or
Temperature Exceeds Programmable Limits
96 Bytes of Lockable EEPROM
8 Bytes of General-Purpose SRAM
Dallas 1-Wire Interface with Unique 64-Bit
Address and Standard or Overdrive Timing
3mm Dimension of 8-Pin TSSOP Package
Allows Mounting on Side of Thin Prismatic
Li+ and Li+/Polymer Cells
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS2756E+
-20°C to +70°C
8 TSSOP
DS2756E+T&R
-20°C to +70°C
DS2756E+ on
Tape-and-Reel
+ Denotes lead(Pb)-free/RoHS-compliant package.
PIN CONFIGURATION
VIN
DQ
SNS
IS2
PIO
1
2
2
1
8
7
6
5
VSS
2
3
VDD
4
IS1
DS2756E
TSSOP Package
1-Wire is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - DS2756E+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2756E+TR MAXIM-DS2756E+TR Datasheet
300Kb / 26P
   High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
050806
More results

Similar Description - DS2756E+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2756 MAXIM-DS2756 Datasheet
300Kb / 26P
   High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
050806
logo
Dallas Semiconductor
DS2755 DALLAS-DS2755 Datasheet
240Kb / 20P
   High-Accuracy Battery Fuel Gauge with Snapshot
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2792 MAXIM-DS2792 Datasheet
418Kb / 40P
   Programmable Fuel Gauge with UART Interface
REV: 021607
logo
Texas Instruments
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ27743 TI1-BQ27743 Datasheet
624Kb / 42P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com