Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V24B38C150BS3 Datasheet(PDF) 6 Page - Vicor Corporation

Part # V24B38C150BS3
Description  24V Input Mini Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24B38C150BS3 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button V24B38C150BS3 Datasheet HTML 2Page - Vicor Corporation V24B38C150BS3 Datasheet HTML 3Page - Vicor Corporation V24B38C150BS3 Datasheet HTML 4Page - Vicor Corporation V24B38C150BS3 Datasheet HTML 5Page - Vicor Corporation V24B38C150BS3 Datasheet HTML 6Page - Vicor Corporation V24B38C150BS3 Datasheet HTML 7Page - Vicor Corporation V24B38C150BS3 Datasheet HTML 8Page - Vicor Corporation V24B38C150BS3 Datasheet HTML 9Page - Vicor Corporation V24B38C150BS3 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
24V Mini Family
Rev. 3.5
Page 6 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.5
87.7
%
Nominal input; full load; 25°C
Ripple and noise
200
250
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
27.1
28.1
29.1
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
4.7
5.1
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
6.25
Amps
Current limit
6.37
7.19
8.44
Amps
Output voltage 95% of nominal
Short circuit current
3
7.19
8.44
Amps
Output voltage <250 mV
24 Vout, 150 W (e.g. V24B24C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.5
87.8
%
Nominal input; full load; 25°C
Ripple and noise
200
250
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
31.5
32.7
33.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
4.3
5.2
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
5.36
Amps
Current limit
5.46
6.16
7.24
Amps
Output voltage 95% of nominal
Short circuit current
3.75
6.16
7.24
Amps
Output voltage <250 mV
28 Vout, 150 W (e.g. V24B28C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85
87
%
Nominal input; full load; 25°C
Ripple and noise
180
225
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
31.6
32.8
34
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
4.5
5.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
7.14
Amps
Current limit
7.29
8.22
9.66
Amps
Output voltage 95% of nominal
Short circuit current
5
8.22
9.66
Amps
Output voltage <250 mV
28 Vout, 200 W (e.g. V24B28C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.7
88
%
Nominal input; full load; 25°C
Ripple and noise
200
250
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
40.4
41.9
43.4
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
4.2
5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
4.17
Amps
Current limit
4.25
4.8
5.63
Amps
Output voltage 95% of nominal
Short circuit current
2.91
4.8
5.63
Amps
Output voltage <250 mV
36 Vout, 150 W (e.g. V24B36C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87
88
%
Nominal input; full load; 25°C
Ripple and noise
200
250
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
40.4
41.9
43.4
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
4.5
5.3
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
5.55
Amps
Current limit
5.67
6.39
7.51
Amps
Output voltage 95% of nominal
Short circuit current
3.89
6.39
7.51
Amps
Output voltage <250 mV
36 Vout, 200 W (e.g. V24B36C200BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS


Similar Part No. - V24B38C150BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24B36C150B VICOR-V24B36C150B Datasheet
596Kb / 15P
   DC-DC Converter Module
V24B36C150B2 VICOR-V24B36C150B2 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24B36C150B3 VICOR-V24B36C150B3 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24B36C150BF VICOR-V24B36C150BF Datasheet
596Kb / 15P
   DC-DC Converter Module
V24B36C150BF2 VICOR-V24B36C150BF2 Datasheet
596Kb / 15P
   DC-DC Converter Module
More results

Similar Description - V24B38C150BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com