Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V150B15E250BN Datasheet(PDF) 1 Page - Vicor Corporation

Part # V150B15E250BN
Description  150V Input Mini Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V150B15E250BN Datasheet(HTML) 1 Page - Vicor Corporation

  V150B15E250BN Datasheet HTML 1Page - Vicor Corporation V150B15E250BN Datasheet HTML 2Page - Vicor Corporation V150B15E250BN Datasheet HTML 3Page - Vicor Corporation V150B15E250BN Datasheet HTML 4Page - Vicor Corporation V150B15E250BN Datasheet HTML 5Page - Vicor Corporation V150B15E250BN Datasheet HTML 6Page - Vicor Corporation V150B15E250BN Datasheet HTML 7Page - Vicor Corporation V150B15E250BN Datasheet HTML 8Page - Vicor Corporation V150B15E250BN Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
150V Mini Family
Rev. 1.9
Page 1 of 13
Set your site on VICOR at vicorpower.com
Data Sheet
150V Input Mini Family
DC-DC Converter Module
Features
DC input range: 100 – 200 V
Encapsulated circuitry for shock and
vibration resistance
Extended temperature range
(–55 to +100°C)
Input surge withstand: 250 V for 100 ms
DC output: 3.3 – 48 V
Programmable output: 10 to 110%
Regulation: ±0.2% no load to full load
Efficiency: Up to 90%
Maximum operating temp: 100°C, full load
Power density: up to 100 W per cubic inch
Height above board: 0.43 in. (10,9 mm)
Parallelable, with N+M fault tolerance
Low noise ZCS/ZVS architecture
RoHS Compliant (with F or G pin option)
Agency approvals pending
Product Overview
These DC-DC converter modules use
advanced power processing, control and
packaging technologies to provide the
performance, flexibility, reliability and cost
effectiveness of a mature power component.
High frequency ZCS/ZVS switching
provides high power density with low
noise and high efficiency.
Applications
Communications, control systems, medical,
instrumentation, defense and aerospace.
Output Voltage
3 V 3 =3.3 V
5 =5 V
8 =8 V
12 = 12 V
15 = 15 V
24 = 24 V
28 = 28 V
36 = 36 V
48 = 48 V
Product Grade Temperatures (°C)
Grade
Operating
Storage
E =
- 10 to +100
- 20 to +125
C =
- 20 to +100
- 40 to +125
T =
- 40 to +100
- 40 to +125
H =
- 40 to +100
- 55 to +125
M =
- 55 to +100
- 65 to +125
Output Power
Vout
Pout
3.3 V
100 W, 150 W
5 V
150 W, 200 W
8 V
200 W
12 V
150 W, 250 W
15 V
150 W, 250 W
24 V
150 W, 250 W
28 V
150 W, 250 W
36 V
150 W, 250 W
48 V
150 W, 250 W
Pin Style
Blank: Short Tin/Lead
L: Long Tin/Lead
S: Short ModuMate
N: Long ModuMate
F: Short RoHS
G: Long RoHS
Baseplate
Blank: Slotted
2: Threaded
3: Through-hole
For a description of pin
options, see page 11.
Baseplate options include
slotted flanges, threaded
and through-hole.
See page 12 for dimensions.
For other package sizes and
power levels, see the Micro
(quarter size) and Maxi (full
size) datasheets.
Part Numbering
e.g. V150B24C250BL
V150B
B
Shown actual size:
2.28 x 2.2 x 0.5 in
57,9 x 55,9 x 12,7 mm
Absolute Maximum Ratings
Parameter
Rating
Unit
Notes
+In to –In voltage
–0.5 to +260
Vdc
PC to –In voltage
–0.5 to +7.0
Vdc
PR to –In voltage
–0.5 to +7.0
Vdc
SC to –Out voltage
–0.5 to +1.5
Vdc
–Sense to –Out voltage
1.0
Vdc
Isolation voltage
in to out
3000
Vrms
Test voltage
in to base
1500
Vrms
Test voltage
out to base
500
Vrms
Test voltage
Operating Temperature
–55 to +100
°C
M-Grade
Storage Temperature
–65 to +125
°C
M-Grade
Pin soldering temperature
500 (260)
°F (°C)
< 5 sec; wave solder
750 (390)
°F (°C)
< 7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each


Similar Part No. - V150B15E250BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V150B24C250BL VICOR-V150B24C250BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL_15 Datasheet
1Mb / 13P
   DC-DC Converter Module
More results

Similar Description - V150B15E250BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com