Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V150B24M150BN Datasheet(PDF) 8 Page - Vicor Corporation

Part # V150B24M150BN
Description  150V Input Mini Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V150B24M150BN Datasheet(HTML) 8 Page - Vicor Corporation

Back Button V150B24M150BN Datasheet HTML 4Page - Vicor Corporation V150B24M150BN Datasheet HTML 5Page - Vicor Corporation V150B24M150BN Datasheet HTML 6Page - Vicor Corporation V150B24M150BN Datasheet HTML 7Page - Vicor Corporation V150B24M150BN Datasheet HTML 8Page - Vicor Corporation V150B24M150BN Datasheet HTML 9Page - Vicor Corporation V150B24M150BN Datasheet HTML 10Page - Vicor Corporation V150B24M150BN Datasheet HTML 11Page - Vicor Corporation V150B24M150BN Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
150V Mini Family
Rev. 1.9
Page 8 of 13
Set your site on VICOR at vicorpower.com
Module Enable/Disable
The module may be disabled by pulling PC below 2.3 V with
respect to the –Input. This may be done with an open collector
transistor, relay, or optocoupler. Multiple converters may be
disabled with a single transistor or relay either directly or via
“OR’ing” diodes. See Figure 1.
Primary Auxiliary Supply
At 5.7 V, PC can source up to 1.5 mA. In the example shown
in Figure 3, PC powers a module enabled LED.
Module Alarm
The module contains “watchdog” circuitry which monitors
input voltage, operating temperature and internal operating
parameters. In the event that any of these parameters are
outside of their allowable operating range, the module will
shut down and PC will go low. PC will periodically go high
and the module will check to see if the fault (as an example,
overtemperature) has cleared. If the fault has not been cleared,
PC will go low again and the cycle will restart. The SC pin
will go low in the event of a fault and return to its normal
state after the fault has been cleared. See Figures 2 and 4.
Disable
Disable = PC <2.3V
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Figure 1 — Module enable/disable.
Figure 3 — LED on-state indicator.
4k
Ω
"Module
Enabled"
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Optocoupler
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
4 k
Ω
Alarm
1.00V
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
+OUT
+S
SC
–S
– OUT
+IN
PC
PR
–IN
Input Undervoltage
2-20 ms typ.
f (VIN)
Auto
Restart
5.7 Vdc
(0-3 mA)
50
Ω
SW2
SW3
1.23
Vdc
6 K
1 K
SW1
SW1, 2, & 3
shown in
"Fault" position
Input Overvoltage (See Note 1)
Overtemperature
Module Faults
1
Not applicable for 300 Vdc input family
1 M
Figure 2 — PC/SC module alarm logic.
Figure 5 — Isolated on-state indicator.
2–20 ms typical
Fault
SC
PC
1.23 V
5.7 V
40
μs typ.
Figure 4 — PC/SC module alarm timing.
Figure 6 — Secondary side on-state indicator.
CONTROL FUNCTIONS - PC PIN


Similar Part No. - V150B24M150BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V150B24C250BL VICOR-V150B24C250BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL_15 Datasheet
1Mb / 13P
   DC-DC Converter Module
More results

Similar Description - V150B24M150BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com