Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V110A15H300BF Datasheet(PDF) 5 Page - Vicor Corporation

Part # V110A15H300BF
Description  110V Input Maxi Family DC-DC Converter Module Features
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V110A15H300BF Datasheet(HTML) 5 Page - Vicor Corporation

  V110A15H300BF Datasheet HTML 1Page - Vicor Corporation V110A15H300BF Datasheet HTML 2Page - Vicor Corporation V110A15H300BF Datasheet HTML 3Page - Vicor Corporation V110A15H300BF Datasheet HTML 4Page - Vicor Corporation V110A15H300BF Datasheet HTML 5Page - Vicor Corporation V110A15H300BF Datasheet HTML 6Page - Vicor Corporation V110A15H300BF Datasheet HTML 7Page - Vicor Corporation V110A15H300BF Datasheet HTML 8Page - Vicor Corporation V110A15H300BF Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
110V Maxi Family
Rev. 2.1
Page 5 of 13
Set your site on VICOR at vicorpower.com
MODULE SPECIFIC OPERATING SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85
85.9
%
Nominal input; full load; 25°C
Ripple and noise
240
300
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
12.7
13.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
33.33
Amps
Current limit
33.9
38.3
45
Amps
Output voltage 95% of nominal
Short circuit current
23.3
38.3
45
Amps
Output voltage <250 mV
12 Vout, 400 W (e.g. V110A12C400BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.8
87.7
%
Nominal input; full load; 25°C
Ripple and noise
220
275
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
9.36
9.7
10.1
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
5.4
6.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Output Current
0
25
Amps
Current limit
25.5
28.8
33.8
Amps
Output voltage 95% of nominal
Short circuit current
6
28.8
33.8
Amps
Output voltage <250 mV
8 Vout, 200 W (e.g. V110A8C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86
87
%
Nominal input; full load; 25°C
Ripple and noise
240
300
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
7.9
9
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
25
Amps
Current limit
25.5
28.8
33.8
Amps
Output voltage 95% of nominal
Short circuit current
17.5
28.8
33.8
Amps
Output voltage <250 mV
12 Vout, 300 W (e.g. V110A12C300BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85.9
87.4
%
Nominal input; full load; 25°C
Ripple and noise
184
230
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
12.9
13.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
26.67
Amps
Current limit
27.2
30.7
36.1
Amps
Output voltage 95% of nominal
Short circuit current
10
30.7
36.1
Amps
Output voltage <250 mV
15 Vout, 400 W (e.g. V110A15C400BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87
87.8
%
Nominal input; full load; 25°C
Ripple and noise
250
313
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
10
11.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
20
Amps
Current limit
20.4
23
27
Amps
Output voltage 95% of nominal
Short circuit current
14
23
27
Amps
Output voltage <250 mV
15 Vout, 300 W (e.g. V110A15C300BL)


Similar Part No. - V110A15H300BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110A24C400BL VICOR-V110A24C400BL Datasheet
507Kb / 14P
   DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL_16 Datasheet
507Kb / 14P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
More results

Similar Description - V110A15H300BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com