Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V72A12E400BF3 Datasheet(PDF) 4 Page - Vicor Corporation

Part # V72A12E400BF3
Description  72V Input Maxi Family DC-DC Converter Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V72A12E400BF3 Datasheet(HTML) 4 Page - Vicor Corporation

  V72A12E400BF3 Datasheet HTML 1Page - Vicor Corporation V72A12E400BF3 Datasheet HTML 2Page - Vicor Corporation V72A12E400BF3 Datasheet HTML 3Page - Vicor Corporation V72A12E400BF3 Datasheet HTML 4Page - Vicor Corporation V72A12E400BF3 Datasheet HTML 5Page - Vicor Corporation V72A12E400BF3 Datasheet HTML 6Page - Vicor Corporation V72A12E400BF3 Datasheet HTML 7Page - Vicor Corporation V72A12E400BF3 Datasheet HTML 8Page - Vicor Corporation V72A12E400BF3 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
72V Maxi Family
Rev. 1.7
Page 4 of 11
Set your site on VICOR at vicorpower.com
MODULE SPECIFIC OPERATING SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
79
80.4
%
Nominal input; full load; 25°C
Ripple and noise
100
125
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
10.2
11.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Output Current
0
80
Amps
Current limit
81.6
92
108
Amps
Output voltage 95% of nominal
Short circuit current
56
92
108
Amps
Output voltage <250 mV
3.3 Vout, 264W (e.g. V72A3V3C264BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
83.6
84.8
%
Nominal input; full load; 25°C
Ripple and noise
215
269
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
9.36
9.7
10.1
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
10.2
10.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Output Current
0
37.5
Amps
Current limit
38.2
43.1
50.7
Amps
Output voltage 95% of nominal
Short circuit current
26.2
43.1
50.7
Amps
Output voltage <250 mV
8 Vout, 300W (e.g. V72A8C300BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
83
85.5
%
Nominal input; full load; 25°C
Ripple and noise
100
125
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
10.4
11
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Output Current
0
60
Amps
Current limit
61.2
69
81
Amps
Output voltage 95% of nominal
Short circuit current
22
69
81
Amps
Output voltage <250 mV
5 Vout, 300 W (e.g. V72A5C300BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85
86.4
%
Nominal input; full load; 25°C
Ripple and noise
320
400
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
12.4
13.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Output Current
0
33.33
Amps
Current limit
33.9
38.3
45
Amps
Output voltage 95% of nominal
Short circuit current
23.3
38.3
45
Amps
Output voltage <250 mV
12 Vout, 400 W (e.g. V72A12C400BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85.2
86.7
%
Nominal input; full load; 25°C
Ripple and noise
300
375
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
10.4
11.2
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Output Current
0
26.67
Amps
Current limit
27.2
30.7
36.1
Amps
Output voltage 95% of nominal
Short circuit current
18.6
30.7
36.1
Amps
Output voltage <250 mV
15 Vout, 400 W (e.g. V72A15C400BL)


Similar Part No. - V72A12E400BF3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V72-14.150M INFINEON-V72-14.150M Datasheet
128Kb / 2P
   Easy mounting for single sided cooling
2012-05-05 Revision: 3.0
V72-26.80M INFINEON-V72-26.80M Datasheet
195Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
logo
Panasonic Semiconductor
V7221U PANASONIC-V7221U Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
V7221U PANASONIC-V7221U Datasheet
410Kb / 23P
   ZNR Transient/Surge Absorbers (Type D)
03 Jan. 2015
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
More results

Similar Description - V72A12E400BF3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com