Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V24A24C300BS3 Datasheet(PDF) 1 Page - Vicor Corporation

Part # V24A24C300BS3
Description  24V Input Maxi Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24A24C300BS3 Datasheet(HTML) 1 Page - Vicor Corporation

  V24A24C300BS3 Datasheet HTML 1Page - Vicor Corporation V24A24C300BS3 Datasheet HTML 2Page - Vicor Corporation V24A24C300BS3 Datasheet HTML 3Page - Vicor Corporation V24A24C300BS3 Datasheet HTML 4Page - Vicor Corporation V24A24C300BS3 Datasheet HTML 5Page - Vicor Corporation V24A24C300BS3 Datasheet HTML 6Page - Vicor Corporation V24A24C300BS3 Datasheet HTML 7Page - Vicor Corporation V24A24C300BS3 Datasheet HTML 8Page - Vicor Corporation V24A24C300BS3 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
24V Maxi Family
Rev. 4.9
Page 1 of 13
Set your site on VICOR at vicorpower.com
Data Sheet
24V Input Maxi Family
DC-DC Converter Module
Features
DC input range: 18 – 36 V
Operation to 16 V at 75% power
after startup
Input surge withstand: 50 V for 100 ms
DC output: 3.3 – 48 V
Programmable output: 10 to 110%
Regulation: ±0.25% no load to full load
Efficiency: Up to 88%
Maximum operating temp: 100°C, full load
Power density: up to 80 W per cubic inch
Height above board: 0.43 in. (10,9 mm)
Parallelable, with N+M fault tolerance
Low noise ZCS/ZVS architecture
Isolated output
Product Overview
These DC-DC converter modules use
advanced power processing, control and
packaging technologies to provide the
performance, flexibility, reliability and cost
effectiveness of a mature power component.
High frequency ZCS/ZVS switching
provides high power density with low
noise and high efficiency.
Applications
Industrial and process control, distributed
power, medical, ATE, communications,
defense, aerospace
Parameter
Rating
Unit
Notes
+In to –In voltage
-0.5 to +53
Vdc
PC to –In voltage
-0.5 to +7.0
Vdc
PR to –In voltage
-0.5 to +7.0
Vdc
SC to -Out voltage
-0.5 to +1.5
Vdc
-Sense to -Out voltage
1.0
Vdc
+Out to -Out, +Sense to -Out
See Module Output
Specifications
Isolation voltage
in to out
3000
Vrms
Test voltage
in to base
1500
Vrms
Test voltage
out to base
500
Vrms
Test voltage
Operating Temperature
-55 to +100
°C
M-Grade
Storage Temperature
-65 to +125
°C
M-Grade
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
750 (390)
°F (°C)
<7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each
Output Voltage
3 V 3 =3.3 V
5 =5 V
6 V 5 =6.5 V
8 =8 V
12 = 12 V
15 = 15 V
24 = 24 V
28 = 28 V
36 = 36 V
48 = 48 V
Product Grade Temperatures (°C)
Grade
Operating
Storage
E =
- 10 to +100
- 20 to +125
C =
- 20 to +100
- 40 to +125
T =
- 40 to +100
- 40 to +125
H =
- 40 to +100
- 55 to +125
M =
- 55 to +100
- 65 to +125
Output Power
Vout
Pout
3.3 V
200 W, 264 W
5 V
300 W, 400 W
6.5 V
400 W
8 V
300 W
12 V
300 W, 400 W
15 V
300 W, 400 W
24 V
300 W, 400 W
28 V
300 W, 400 W
36 V
300 W, 400 W
48 V
300 W, 400 W
Pin Style
Blank: Short Tin/Lead
L: Long Tin/Lead
S: Short ModuMate
N: Long ModuMate
F: Short RoHS
G: Long RoHS
Baseplate
Blank: Slotted
2: Threaded
3: Through-hole
For a description of pin
options, see page 11.
Baseplate options include
slotted flanges, threaded
and through-hole.
See page 12 for dimensions.
For other package sizes and
power levels, see the Mini
(half size) and Micro
(quarter size) datasheets.
Part Numbering
e.g. V24A12T400BL2
V24A
B
Shown actual size:
4.6 x 2.2 x 0.5 in
117 x 56 x 12,7 mm
Absolute Maximum Ratings


Similar Part No. - V24A24C300BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A24C300BS3 VICOR-V24A24C300BS3 Datasheet
512Kb / 15P
   DC-DC Converter Module
More results

Similar Description - V24A24C300BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com