Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1863 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1863
Description  Burst-Mode PON Controller With Integrated Monitoring
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1863 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1863 Datasheet HTML 4Page - Maxim Integrated Products DS1863 Datasheet HTML 5Page - Maxim Integrated Products DS1863 Datasheet HTML 6Page - Maxim Integrated Products DS1863 Datasheet HTML 7Page - Maxim Integrated Products DS1863 Datasheet HTML 8Page - Maxim Integrated Products DS1863 Datasheet HTML 9Page - Maxim Integrated Products DS1863 Datasheet HTML 10Page - Maxim Integrated Products DS1863 Datasheet HTML 11Page - Maxim Integrated Products DS1863 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Burst-Mode PON Controller
With Integrated Monitoring
8
_____________________________________________________________________
Detailed Description
The DS1863 integrates the control and monitoring func-
tionality required to implement a PON system using
Maxim’s MAX3643 compact burst mode laser driver.
The compact laser driver solution offers a considerable
cost benefit by integrating control and monitoring fea-
tures in low power CMOS process, while leaving only
the high speed portions to the laser driver IC.
APC Control
BIAS current is controlled by an Average Power Control
(APC) loop. The APC loop uses digital techniques to
overcome the difficulties associated with controlling
burst mode systems.
The APC loop’s feedback is the monitor diode (BMD)
current, which is converted to a voltage using an exter-
nal resistor. The feedback voltage is compared to an 8-
bit scaleable voltage reference, which determines the
APC set point of the system. Scaling of the reference
voltage along with the modulation output can be uti-
lized to implement GPON power leveling.
The DS1863 has a Lookup Table to allow the APC set
point to change as a function of temperature to com-
pensate for Tracking Error (TE). The TE LUT (Table
05h), has 36 entries that determine the APC setting in
4°C windows between -40°C to +100°C.
Ranging of the APC DAC is possible by programming a
single byte in Table 02h.
Typical Operating Circuit
BEN+
BEN-
DIS
MAX3643
IN-
IN+
OUT-
BIAS-
BIAS+
MDIN
COMPACT BURST MODE
LASER DRIVER
DS1863
BURST MODE
MONITOR/CONTROL CIRCUIT
MDOUT
OUT+
VCC
TX-F
TX-D
SCL
SDA
MON2
MON3
FETG
MON1
BMD
3.3V
TRANSMIT POWER
RECEIVE POWER
I2C COMMUNICATION
FAULT OUTPUT
DISABLE INPUT


Similar Part No. - DS1863

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1861 MAXIM-DS1861 Datasheet
278Kb / 25P
   Full Laser Control with Fault Management
Rev 0; 5/05
DS1861E MAXIM-DS1861E Datasheet
278Kb / 25P
   Full Laser Control with Fault Management
Rev 0; 5/05
DS1861E MAXIM-DS1861E Datasheet
278Kb / 25P
   Full Laser Control with Fault Management
Rev 0; 5/05
DS1861E++ MAXIM-DS1861E+ Datasheet
278Kb / 25P
   Full Laser Control with Fault Management
Rev 0; 5/05
DS1862 MAXIM-DS1862 Datasheet
533Kb / 42P
   XFP Laser Control and Digital Diagnostic IC
Rev 0; 2/06
More results

Similar Description - DS1863

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5042 PHILIPS-PCD5042 Datasheet
134Kb / 28P
   DECT burst mode controller
1996 Oct 31
PCD5041 PHILIPS-PCD5041 Datasheet
134Kb / 28P
   DECT burst mode controller
1996 Oct 31
PCD5043 PHILIPS-PCD5043 Datasheet
109Kb / 24P
   DECT burst mode controller
1996 Oct 31
logo
National Semiconductor ...
NSBMC290-16 NSC-NSBMC290-16 Datasheet
318Kb / 20P
   Burst Mode Memory Controller
logo
Vitesse Semiconductor C...
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
   PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
   PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
DS1865 MAXIM-DS1865 Datasheet
530Kb / 66P
   PON Triplexer Control and Monitoring Circuit
Rev 0; 3/07
logo
Micrel Semiconductor
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
   2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
logo
Richtek Technology Corp...
R7731 RICHTEK-R7731 Datasheet
542Kb / 11P
   Burst Triple Mode PWM Flyback Controller
March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com