Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1337+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1337+
Description  I2C Serial Real-Time Clock
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1337+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1337+ Datasheet HTML 1Page - Maxim Integrated Products DS1337+ Datasheet HTML 2Page - Maxim Integrated Products DS1337+ Datasheet HTML 3Page - Maxim Integrated Products DS1337+ Datasheet HTML 4Page - Maxim Integrated Products DS1337+ Datasheet HTML 5Page - Maxim Integrated Products DS1337+ Datasheet HTML 6Page - Maxim Integrated Products DS1337+ Datasheet HTML 7Page - Maxim Integrated Products DS1337+ Datasheet HTML 8Page - Maxim Integrated Products DS1337+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS1337 I
2C Serial Real-Time Clock
4 of 16
Note 16:
The parameter tOSF is the period of time that the oscillator must be stopped for the OSF bit to be set over the
voltage range of VCC(MIN) ≤ VCC ≤ VCC(MAX)..
TYPICAL OPERATING CHARACTERISTICS
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
ICCA vs. VCC
0
25
50
75
100
125
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VCC (V)
ICC vs. VCC
300
400
500
600
700
800
900
1000
1.3
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VCC (V)
INTCN = 0
(Squarew ave on)
INTCN = 1
(Squarew ave off)
I
CCTOSC
I
CCS
ICCS vs. Temperature
350
400
450
500
550
600
650
700
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
VCC (V)
INTCN = 0
(Squarew ave on)
V
CC = 3.0V
INTCN = 1
(Squarew ave off)
OSCILLATOR FREQUENCY vs. VCC
32768
32768.05
32768.1
32768.15
32768.2
32768.25
32768.3
32768.35
1.3
1.8
2.3
2.8
3.3
3.8
4.3
4.8
VCC (V)


Similar Part No. - DS1337+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1337++ MAXIM-DS1337+ Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
More results

Similar Description - DS1337+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com