Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80C410 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS80C410
Description  Network Microcontrollers with Ethernet and CAN
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C410 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS80C410 Datasheet HTML 2Page - Maxim Integrated Products DS80C410 Datasheet HTML 3Page - Maxim Integrated Products DS80C410 Datasheet HTML 4Page - Maxim Integrated Products DS80C410 Datasheet HTML 5Page - Maxim Integrated Products DS80C410 Datasheet HTML 6Page - Maxim Integrated Products DS80C410 Datasheet HTML 7Page - Maxim Integrated Products DS80C410 Datasheet HTML 8Page - Maxim Integrated Products DS80C410 Datasheet HTML 9Page - Maxim Integrated Products DS80C410 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
DS80C410/DS80C411 Network Microcontrollers with Ethernet and CAN
6 of 102
PARAMETER
SYMBOL
MIN
MAX
UNITS
STRETCH VALUES
CST (MD2:0)
tCLCL - 5
CST = 0
2tCLCL - 5
1
 CST  3
Data Float After
RD (P3.7 or
PSEN) High
tRHDZ
6tCLCL - 5
ns
4
 CST  7
2tCLCL + tCLCH - 19
CST = 0
(4 x CST + 1) tCLCL - 19
1
 CST  3
ALE Low to Valid Data In
tLLDV
(4 x CST + 5) tCLCL - 19
ns
4
 CST  7
3tCLCL - 19
CST = 0
(4 x CST + 2)tCLCL - 19
1
 CST  3
Port 0 Address to Valid Data
In
tAVDV0
(4 x CST + 10)tCLCL - 20
ns
4
 CST  7
3tCLCL + tCLCH - 22
CST = 0
(4 x CST + 2)tCLCL + tCLCH -
22
1
 CST  3
Port 2, 4, 6 Address, Port 4
CE, or Port 5 PCE to Valid
Data In
tAVDV2
(4 x CST + 10)tCLCL + tCLCH -
22
ns
4
 CST  7
tCLCH - 3
tCLCH + 6
CST = 0
tCLCL - 3
tCLCL + 6
1
 CST  3
ALE Low to (
RD or PSEN) or
WR Low
tLLWL
5tCLCL - 3
5tCLCL + 6
ns
4
 CST  7
tCLCL – 6.5
CST = 0
2tCLCL – 6.5
1
 CST  3
Port 0 Address to (
RD or
PSEN) or WR Low
tAVWL0
10tCLCL – 7
ns
4
 CST  7
tCLCL + tCLCH - 7
CST = 0
2tCLCL + tCLCH - 7
1
 CST  3
Port 2, 4 Address, Port 4 CE,
Port 5 PCE, to (
RD or PSEN)
or
WR Low
tAVWL2
10tCLCL + tCLCH - 7
ns
4
 CST  7
Data Valid to
WR Transition
tQVWX
0
ns
tCLCL - 5
CST = 0
2CLCL - 8
1
 CST  3
Data Hold After
WR High
tWHQX
6tCLCL - 8
ns
4
 CST  7
RD Low to Address Float
tRLAZ
(Note 2)
0
 CST  7
-2.5
6
CST = 0
tCLCL – 2.5
tCLCL + 6
1
 CST  3
(
RD or PSEN) or WR High to
ALE
tWHLH
5tCLCL – 2.5
5tCLCL + 6
ns
4
 CST  7
tCHCL -5
tCHCL + 13
CST = 0
tCLCL + tCHCL - 5
tCLCL + tCHCL + 13
1
 CST  3
(
RD or PSEN) or WR High to
Port 4 CE or Port 5 PCE
High
tWHLH2
5tCLCL + tCHCL - 5
5tCLCL + tCHCL + 13
ns
4
 CST  7
Note 1:
AC electrical characteristics assume 50% duty cycle for the oscillator, oscillator frequency ≤ 75MHz, and are not 100% production
tested, but are guaranteed by design.
Note 2:
For a MOVX read operation, on the falling edge of ALE, Port 0 is held by a weak latch until overdriven by external memory.
Note 3:
All parameters apply to both commercial and industrial temperature operation, unless otherwise noted.
Note 4:
CST is the stretch cycle value as determined by the MD2, MD1, and MD0 bits of the CKCON register. tCLCL , tCLCH , tCHCL are time
periods associated with the internal system clock and are related to the external clock. See the System Clock Time Periods table.
Note 5:
All signals characterized with load capacitance of 80pF except Port 0, Port 2, ALE,
PSEN, RD, and WR with 100pF. The following
signals, when configured for memory interface, are also characterized with 100pF loading: Port 4 (
CE0-3, A16–A19), Port 5.4–5.7
(
PCE0-3), Port 6.0–6.5 (CE4-7, A20, A21), Port 7 (demultiplexed mode A0–A7).
Note 6:
References to the XTAL, XTAL1 or CLK signal in the timing diagrams are to assist in determining the relative occurrence of events,
not for determining absolute signal timing with respect to the external clock.


Similar Part No. - DS80C410

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C410 DALLAS-DS80C410 Datasheet
2Mb / 102P
   Network Microcontrollers with Ethernet and CAN
logo
Maxim Integrated Produc...
DS80C410 MAXIM-DS80C410 Datasheet
1Mb / 102P
   Network Microcontrollers with Ethernet and CAN
REV: 010705
logo
Dallas Semiconductor
DS80C410-FNY DALLAS-DS80C410-FNY Datasheet
2Mb / 102P
   Network Microcontrollers with Ethernet and CAN
logo
Maxim Integrated Produc...
DS80C410-FNY MAXIM-DS80C410-FNY Datasheet
1Mb / 102P
   Network Microcontrollers with Ethernet and CAN
REV: 010705
logo
Dallas Semiconductor
DS80C410-FNY++ DALLAS-DS80C410-FNY+ Datasheet
2Mb / 102P
   Network Microcontrollers with Ethernet and CAN
More results

Similar Description - DS80C410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C410 MAXIM-DS80C410 Datasheet
1Mb / 102P
   Network Microcontrollers with Ethernet and CAN
REV: 010705
logo
Dallas Semiconductor
DS80C410 DALLAS-DS80C410 Datasheet
2Mb / 102P
   Network Microcontrollers with Ethernet and CAN
logo
Microchip Technology
PIC32MX320F032H-40I MICROCHIP-PIC32MX320F032H-40I Datasheet
128Kb / 2P
   CAN and Ethernet 32-bit Flash Microcontrollers
PIC32MX795F512L MICROCHIP-PIC32MX795F512L Datasheet
124Kb / 2P
   PIC32MX7XXFXXXX USB, CAN and Ethernet 32-bit Flash Microcontrollers
logo
NXP Semiconductors
LPC176X NXP-LPC176X Datasheet
144Kb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
LPC1700 NXP-LPC1700 Datasheet
1Mb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
logo
Microchip Technology
PIC32MX5XX MICROCHIP-PIC32MX5XX_11 Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
PIC32MX5XX MICROCHIP-PIC32MX5XX Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
2010
PIC32MX575F256H-80I MICROCHIP-PIC32MX575F256H-80I Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
01/05/10
PIC32MX695F512L-80I MICROCHIP-PIC32MX695F512L-80I Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com