Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48C12E150BF2 Datasheet(PDF) 4 Page - Vicor Corporation

Part # V48C12E150BF2
Description  48V Input Micro Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48C12E150BF2 Datasheet(HTML) 4 Page - Vicor Corporation

  V48C12E150BF2 Datasheet HTML 1Page - Vicor Corporation V48C12E150BF2 Datasheet HTML 2Page - Vicor Corporation V48C12E150BF2 Datasheet HTML 3Page - Vicor Corporation V48C12E150BF2 Datasheet HTML 4Page - Vicor Corporation V48C12E150BF2 Datasheet HTML 5Page - Vicor Corporation V48C12E150BF2 Datasheet HTML 6Page - Vicor Corporation V48C12E150BF2 Datasheet HTML 7Page - Vicor Corporation V48C12E150BF2 Datasheet HTML 8Page - Vicor Corporation V48C12E150BF2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
48V Micro Family
Rev. 7.5
Page 4 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
76
77
%
Nominal input; full load; 25°C
Ripple and noise
85
106
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
2.7
2.8
2.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3.3
4.9
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
25
Amps
Current limit
25.3
28.8
35
Amps
Output voltage 95% of nominal
Short circuit current
17.5
28.8
35
Amps
Output voltage < 250 mV
MODULE SPECIFIC OPERATING SPECIFICATIONS
2 Vout, 50 W (e.g. V48C2C50BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
80.5
81.5
%
Nominal input; full load; 25°C
Ripple and noise
75
94
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3
4.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
22.7
Amps
Current limit
22.9
26.2
31.8
Amps
Output voltage 95% of nominal
Short circuit current
15.9
26.2
31.8
Amps
Output voltage < 250 mV
3.3 Vout, 75 W (e.g. V48C3V3C75BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
83
85
%
Nominal input; full load; 25°C
Ripple and noise
70
88
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3.3
5
Watts
No load
Load regulation
±0.02
±0.3
%
No load to full load; nominal input
Load current
0
20
Amps
Current limit
20.4
23
26
Amps
Output voltage 95% of nominal
Short circuit current
14
23
26
Amps
Output voltage < 250 mV
5 Vout, 100 W (e.g. V48C5C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
82
83
%
Nominal input; full load; 25°C
Ripple and noise
100
125
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
3
4.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
15
Amps
Current limit
15.3
17.3
19.5
Amps
Output voltage 95% of nominal
Short circuit current
10.5
17.3
19.5
Amps
Output voltage < 250 mV
5 Vout, 75 W (e.g. V48C5C75BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
78
79.6
%
Nominal input; full load; 25°C
Ripple and noise
75
94
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
2.9
3.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
15.15
Amps
Current limit
15.5
17.5
20.6
Amps
Output voltage 95% of nominal
Short circuit current
10.6
17.5
20.6
Amps
Output voltage <250 mV
3.3 Vout, 50 W (e.g.V48C3V3C50BL)


Similar Part No. - V48C12E150BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48C12E24B VICOR-V48C12E24B Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48C12E24B1 VICOR-V48C12E24B1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48C12E24B2 VICOR-V48C12E24B2 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48C12E24BL VICOR-V48C12E24BL Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48C12E24BL1 VICOR-V48C12E24BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V48C12E150BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com