Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG409AK Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG409AK
Description  Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG409AK Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG409AK Datasheet HTML 1Page - Maxim Integrated Products DG409AK Datasheet HTML 2Page - Maxim Integrated Products DG409AK Datasheet HTML 3Page - Maxim Integrated Products DG409AK Datasheet HTML 4Page - Maxim Integrated Products DG409AK Datasheet HTML 5Page - Maxim Integrated Products DG409AK Datasheet HTML 6Page - Maxim Integrated Products DG409AK Datasheet HTML 7Page - Maxim Integrated Products DG409AK Datasheet HTML 8Page - Maxim Integrated Products DG409AK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
Maxim’s redesigned DG408 and DG409 CMOS analog
multiplexers now feature guaranteed matching between
channels (8Ω max) and flatness over the specified sig-
nal range (9Ω max). These low on-resistance muxes
(100Ω max) conduct equally well in either direction and
feature guaranteed low charge injection (15pC max). In
addition, these new muxes offer low input off-leakage
current over temperature—less than 5nA at +85°C.
The DG408 is a 1-of-8 multiplexer/demultiplexer and
the DG409 is a dual 4-channel multiplexer/demultiplex-
er. Both muxes operate with a +5V to +30V single sup-
ply and with ±5V to ±20V dual supplies. ESD protection
is guaranteed to be greater than 2000V per Method
3015.7 of MIL-STD-883. These improved muxes are
pin-compatible plug-in upgrades for the industry stan-
dard DG408 and DG409.
Applications
Sample-and-Hold Circuits
Test Equipment
Guidance and Control Systems
Communications Systems
Data-Acquisition Systems
Audio Signal Routing
____________________________Features
♦ Pin-Compatible Plug-In Upgrades for
Industry Standard DG408/DG409
♦ Guaranteed Matching Between Channels, 8Ω Max
♦ Guaranteed On-Resistance Flatness, 9Ω Max
♦ Guaranteed Low Charge Injection, 15pC Max
♦ Low On-Resistance, 100Ω Max
♦ Input Leakage, 5nA Max at +85°C
♦ Low Power Consumption, 1.25mW Max
♦ Rail-to-Rail Signal Handling
♦ Digital Input Controls TTL/CMOS Compatible
♦ ESD Protection >2000V per Method 3015.7
Improved, 8-Channel/Dual 4-Channel,
CMOS Analog Multiplexers
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
A2
GND
V+
S1
V-
EN
A0
TOP VIEW
DG408
S5
S6
S7
S8
D
S4
S3
S2
DIP/SO/TSSOP
DG409 appears at end of data sheet.
DECODERS/DRIVERS
A0
A1
A2
EN
S8
S7
S6
S5
S4
S3
S2
S1
D
V+
V-
GND
DG409 appears at end of data sheet.
DG408 1-of-8 MUX /DEMUX
Pin Configurations
Functional Diagrams
19-4725; Rev 4; 9/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Ordering Information continued at end of data sheet.
*
Contact factory for dice specifications.
**
Contact factory for availability and processing to MIL-STD-883.
PART
TEMP RANGE
PIN-PACKAGE
DG408CUE
0°C to +70°C
16 TSSOP
DG408CJ
0°C to +70°C
16 Plastic DIP
DG408CY
0°C to +70°C
16 Narrow SO
DG408C/D
0°C to +70°C
Dice*
DG408EUE
0°C to +70°C
16 TSSOP
DG408DJ
-40°C to +85°C
16 Plastic DIP
DG408DY
-40°C to +85°C
16 Narrow SO


Similar Part No. - DG409AK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG409AK MAXIM-DG409AK Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
logo
Vishay Siliconix
DG409AK VISHAY-DG409AK Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
logo
Intersil Corporation
DG409AK/883 INTERSIL-DG409AK/883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
More results

Similar Description - DG409AK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
DG406 MAXIM-DG406_10 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG407EWI MAXIM-DG407EWI Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
DG408409 MAXIM-DG408409 Datasheet
35Kb / 5P
   IMPROVED 8-CHANNEL/DUAL 4-CHANNEL CMOS ANALOG MULTIPLEXER
19-0088 Rev. C
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com