Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V28A24T200BS3 Datasheet(PDF) 8 Page - Vicor Corporation

Part # V28A24T200BS3
Description  28V Wide Input Maxi Family DC-DC Converter Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V28A24T200BS3 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button V28A24T200BS3 Datasheet HTML 2Page - Vicor Corporation V28A24T200BS3 Datasheet HTML 3Page - Vicor Corporation V28A24T200BS3 Datasheet HTML 4Page - Vicor Corporation V28A24T200BS3 Datasheet HTML 5Page - Vicor Corporation V28A24T200BS3 Datasheet HTML 6Page - Vicor Corporation V28A24T200BS3 Datasheet HTML 7Page - Vicor Corporation V28A24T200BS3 Datasheet HTML 8Page - Vicor Corporation V28A24T200BS3 Datasheet HTML 9Page - Vicor Corporation V28A24T200BS3 Datasheet HTML 10Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
28 V Maxi Family
Rev. 1.7
Page 8 of 10
Set your site on VICOR at vicorpower.com
+OUT
+S
SC
–S
–OUT
+Sense from
other modules
in the array
Figure 12 — OR’ing diodes connections.
Module 2
Module 1
Module N+1
+OUT
+S
SC
–S
–OUT
Load
+S
–S
+S
–S
+S
–S
+OUT
+S
SC
–S
–OUT
+OUT
+S
SC
–S
–OUT
Figure 11 — N+1 module array output connections.
• The +Out and –Out power buses should be
designed to minimize and balance parasitic
impedance from each module output to the load.
• The +Sense pins should be tied to the same
point on the +Out power bus; the –Sense pins
should be tied to the same point on the –Out
power bus.
• At the discretion of the power system designer,
a subset of all modules within an array may be
configured as slaves by shorting SC to –S.
• OR’ing diodes may be inserted in series with
the +Out pins of each module to provide
module output fault tolerance.
Parallel Operation
The PR pin supports paralleling for increased power with N+1
(N+M) redundancy and phased array capability. Modules of
the same input voltage, output voltage, and power level will
current share if all PR pins are suitably interfaced.
Compatible interface architectures include the following:
DC coupled single-wire interface.
All PR pins are directly
connected to one another. This interface supports current
sharing but is not fault tolerant. Minus In pins must be tied to
the same electric potential. See Figure 9.
AC coupled single-wire interface.
All PR pins are connected
to a single communication bus through 0.001 µF (500 V)
capacitors. This interface supports current sharing and is fault
tolerant except for the communication bus. See Figure 10.
Technical Information
For additional technical information contained in the Design
Guide and Applications Manual for Maxi, Mini, Micro Family
DC-DC Converters and Accessory Modules
, click on the link
below:
http://www.vicorpower.com/mmmguide
Figure 9 — DC coupled single-wire interface.
+IN
PC
PR
–IN
Module 2
(up to 12)
+IN
PC
PR
–IN
Module 1
Ground plane
+IN
PC
PR
–IN
Module 2
(up to 12)
+IN
PC
PR
–IN
Module 1
Ground plane
Figure 10 — AC coupled single-wire interface.
0.001µF
0.001µF
Designator
Description
Notes
(None)
Short Tin/Lead
Requires inboard, mounting
L
Long Tin/Lead
Onboard mounting for 0.065" boards
S
Short ModuMate
SurfMate or inboard socket mounting
N
Long ModuMate
Onboard socket mounting
F
Short RoHS
Select for RoHS compliant inboard solder, socket, or SurfMate mounting
G
Long RoHS
Select for RoHS compliant onboard solder or socket mounting
* Pin style designator follows the “B” after the output power and precedes the baseplate designator.
Ex. V28A12T200BN2 — Long ModuMate Pins
CONTROL FUNCTIONS - PR PIN
PIN STYLES*


Similar Part No. - V28A24T200BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V28A24T200BS3 VICOR-V28A24T200BS3 Datasheet
345Kb / 12P
   DC-DC Converter Module
More results

Similar Description - V28A24T200BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com