Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V150A28C500BL Datasheet(PDF) 7 Page - Vicor Corporation

Part # V150A28C500BL
Description  150V Input Maxi Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V150A28C500BL Datasheet(HTML) 7 Page - Vicor Corporation

Back Button V150A28C500BL Datasheet HTML 3Page - Vicor Corporation V150A28C500BL Datasheet HTML 4Page - Vicor Corporation V150A28C500BL Datasheet HTML 5Page - Vicor Corporation V150A28C500BL Datasheet HTML 6Page - Vicor Corporation V150A28C500BL Datasheet HTML 7Page - Vicor Corporation V150A28C500BL Datasheet HTML 8Page - Vicor Corporation V150A28C500BL Datasheet HTML 9Page - Vicor Corporation V150A28C500BL Datasheet HTML 10Page - Vicor Corporation V150A28C500BL Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
150V Maxi Family
Rev. 2.0
Page 7 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87.9
89.3
%
Nominal input; full load; 25°C
Ripple and noise
195
244
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
40.4
41.9
43.4
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
11
12.1
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
11.11
Amps
Current limit
11.3
12.8
15
Amps
Output voltage 95% of nominal
Short circuit current
7.77
12.8
15
Amps
Output voltage <250 mV
36 Vout, 400 W (e.g. V150A36C400BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
89
90
%
Nominal input; full load; 25°C
Ripple and noise
240
300
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
53.7
55.7
57.7
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
13.9
14.6
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
8.33
Amps
Current limit
8.49
9.58
11.3
Amps
Output voltage 95% of nominal
Short circuit current
5.83
9.58
11.3
Amps
Output voltage <250 mV
48 Vout, 400 W (e.g. V150A48C400BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
89
89.9
%
Nominal input; full load; 25°C
Ripple and noise
375
469
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
53.7
55.7
57.7
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
21.5
23.9
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
10.42
Amps
Current limit
10.6
12
14.1
Amps
Output voltage 95% of nominal
Short circuit current
7.28
12
14.1
Amps
Output voltage <250 mV
48 Vout, 500 W (e.g. V150A48C500BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS


Similar Part No. - V150A28C500BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V150B12C150BF VICOR-V150B12C150BF Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V150B12C150BG VICOR-V150B12C150BG Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V150B12C150BL VICOR-V150B12C150BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V150B12C150BN VICOR-V150B12C150BN Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V150B12C150BS VICOR-V150B12C150BS Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
More results

Similar Description - V150A28C500BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com