Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V150A15C500BL Datasheet(PDF) 5 Page - Vicor Corporation

Part # V150A15C500BL
Description  150V Input Maxi Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V150A15C500BL Datasheet(HTML) 5 Page - Vicor Corporation

  V150A15C500BL Datasheet HTML 1Page - Vicor Corporation V150A15C500BL Datasheet HTML 2Page - Vicor Corporation V150A15C500BL Datasheet HTML 3Page - Vicor Corporation V150A15C500BL Datasheet HTML 4Page - Vicor Corporation V150A15C500BL Datasheet HTML 5Page - Vicor Corporation V150A15C500BL Datasheet HTML 6Page - Vicor Corporation V150A15C500BL Datasheet HTML 7Page - Vicor Corporation V150A15C500BL Datasheet HTML 8Page - Vicor Corporation V150A15C500BL Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
150V Maxi Family
Rev. 2.0
Page 5 of 13
Set your site on VICOR at vicorpower.com
MODULE SPECIFIC OPERATING SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.2
87.6
%
Nominal input; full load; 25°C
Ripple and noise
385
482
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
11.3
12.3
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
41.67
Amps
Current limit
42.5
48
56.3
Amps
Output voltage 95% of nominal
Short circuit current
29.1
48
56.3
Amps
Output voltage <250 mV
12 Vout, 500 W (e.g. V150A12C500BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.6
87.5
%
Nominal input; full load; 25°C
Ripple and noise
264
330
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
11
12.9
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
33.33
Amps
Current limit
33.9
38.3
45
Amps
Output voltage 95% of nominal
Short circuit current
23.3
38.3
45
Amps
Output voltage <250 mV
12 Vout, 400 W (e.g. V150A12C400BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85
86.3
%
Nominal input; full load; 25°C
Ripple and noise
280
350
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
13.4
15
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
33.33
Amps
Current limit
33.9
38.3
45
Amps
Output voltage 95% of nominal
Short circuit current
23.3
38.3
45
Amps
Output voltage <250 mV
15 Vout, 500 W (e.g. V150A15C500BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85
88.6
%
Nominal input; full load; 25°C
Ripple and noise
180
225
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
11.5
12.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
26.67
Amps
Current limit
27.2
30.7
36.1
Amps
Output voltage 95% of nominal
Short circuit current
18.6
30.7
36.1
Amps
Output voltage <250 mV
15 Vout, 400 W (e.g. V150A15C400BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85
86.2
%
Nominal input; full load; 25°C
Ripple and noise
220
275
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
9.36
9.7
10.1
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
7.9
9.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Output Current
0
37.5
Amps
Current limit
38.2
43.1
50.7
Amps
Output voltage 95% of nominal
Short circuit current
26.2
43.1
50.7
Amps
Output voltage <250 mV
8 Vout, 300 W (e.g. V150A8C300BL)


Similar Part No. - V150A15C500BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V150B12C150BF VICOR-V150B12C150BF Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V150B12C150BG VICOR-V150B12C150BG Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V150B12C150BL VICOR-V150B12C150BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V150B12C150BN VICOR-V150B12C150BN Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V150B12C150BS VICOR-V150B12C150BS Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
More results

Similar Description - V150A15C500BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com