Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPE6361S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPE6361S
Description  10Base-T Isolation Module with Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6361S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPE6361S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10Base-T Isolation Module
with Common Mode Choke
• Complies with or exceeds IEEE 802.3 requirements •
• 1500 Vrms Isolation •
EPE6361S
E L E C T R O N I C S I N C .
CSA6361S
Rev. 2
4/20/01
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Schematic
Electrical Parameters @ 25° C
Primary
Inductance
(uH Min.)
@ 10 KHz
0.1 Vrms
@ 100 KHz,
0.1 Vrms
Interwinding
Capacitance
(pF Max.)
@ 1 MHz
0.1 Vrms
Leakage
Inductance
(µH Max.)
Pins 16-14 & 11-9
Secondary DCR
(
Ω Max.)
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
Min.
.460
.260
.230
---
.015
---
---
.022
.012
---
.050
---
---
---
---
Max.
.450
.250
.220
.350
.012
.050
.360
.020
.010
.050
.035
.030
.050
.055
.380
Nom.
(Inches)
(Millimeters)
11.18
6.10
5.33
---
.229
---
---
.457
.203
---
.508
---
---
---
---
Min.
11.68
6.60
5.84
---
.381
---
---
.559
.305
---
1.27
---
---
---
---
Max.
11.43
6.35
5.59
8.89
.305
1.27
9.14
.508
.254
1.27
.889
7.62
1.27
1.40
9.65
Nom.
.440
.240
.210
---
.009
---
---
.018
.008
---
.020
---
---
---
---
Package
150
17
0.3
1.2
Pins 1-3 & 6-8
Primary DCR
(
Ω Max.)
1.0
Product performance is limited to specified parameters. Data is subject to change without prior notice.
1
2
3
6
7
8
16
14
15
11
9
10
Xmit
Rcv
Primary
Secondary
C
H
E
F
B
Marking :
PCA
EPE6361S
Date Code
A
Pin 1
I.D.
J
D
Q
M
P
N
Solder
Pad Layout
G
L
K
I
1CT : 1CT
1CT: 2.5CT


Similar Part No. - EPE6361S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6362G PCA-EPE6362G Datasheet
43Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6367G PCA-EPE6367G Datasheet
135Kb / 2P
   10Base-T PCMCIA Card Module with Enhanced CMA
EPE6368S PCA-EPE6368S Datasheet
101Kb / 1P
   Enhanced Common Mode Multiport Module for Switched Hub Transceivers
More results

Similar Description - EPE6361S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6322S PCA-EPE6322S Datasheet
60Kb / 1P
   10Base-T Isolation Transformer with Common Mode Choke
EPE6378S PCA-EPE6378S Datasheet
26Kb / 1P
   10Base-T Media Isolation Transformer with Common Mode Choke
EPE6062S PCA-EPE6062S Datasheet
27Kb / 1P
   10Base-T Interface Module with Common Mode Choke
EPE6224S PCA-EPE6224S Datasheet
21Kb / 1P
   10Base-T Quad SMT Module with Common Mode Choke
logo
XFMRS Inc.
XF10061B XFMRS-XF10061B Datasheet
132Kb / 1P
   10BASE-T ISOLATION MODULE
XF150668A XFMRS-XF150668A Datasheet
57Kb / 1P
   10BASE-T ISOLATION MODULE
XF10061C XFMRS-XF10061C Datasheet
65Kb / 1P
   10BASE-T ISOLATION MODULE
XF150668A XFMRS-XF150668A Datasheet
57Kb / 1P
   10BASE-T ISOLATION MODULE
XF150667A XFMRS-XF150667A Datasheet
55Kb / 1P
   10BASE-T ISOLATION MODULE
XF10061A XFMRS-XF10061A Datasheet
67Kb / 1P
   10BASE-T ISOLATION MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com