Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPE6338S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPE6338S
Description  Miniature 10 Base-T Isolation Transformer with Center Taps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6338S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPE6338S Datasheet HTML 1Page - PCA ELECTRONICS INC. EPE6338S Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSE6338Sa
Rev. -
9/1/98
E L E C T R O N I C S I N C .
Package
Dimensions
A
B
C
D
E
F
G
H
I
(J)
K
L
M
N
P
Q
Dim.
Min.
.500
.280
.200
Typ.
.015
Typ.
.390
.022
Typ.
Typ.
8
°
.045
Max.
Nom.
(Inches)
(millimeters)
12.19
6.60
4.57
8.89
.127
1.27
9.40
.406
.254
1.78
0
°
.635
Min.
12.70
7.11
5.08
Typ.
.381
Typ.
9.91
.559
Typ.
Typ.
8
°
1.14
Max.
Nom.
.480
.260
.180
.350
.005
.050
.370
.016
.010
.070
0
°
.025
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pcainc.com
PCA ELECTRONICS, INC
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Electrical Parameters @ 25
° C
Miniature 10 Base-T Isolation
Transformer with Center Taps
• Optimized for Level One LXT905 •
• Robust design allows for toughest soldering processes •
• Small outline package on 0.050” pitch 16 pin SOIC •
• Complies with or exceeds IEEE 802.3, 10 Base-T Requirements •
• Operating temperature : -40
°C to +85°C •
Schematic
EPE6338S
Cable Side
Inductance
(
µH Min.)
@ 100 KHz,
0.1 Vrms
200
12
Interwinding
Capacitance
(pF Max.)
@ 100 KHz,
0.1 Vrms
0.3
Leakage
Inductance
(
µH Max.)
@ 100 KHz,
0.1 Vrms
1500
Hipot
(Vrms)
Return Loss
(dB Min.)
-20
5-10
MHz
Transceiver Side
DCR
(
Ω Max.)
Xmit
Rcv
200
0.35
Xmit
Rcv
0.50
Suggested
Solder
Pad Layout
PCA
EPE6338S
Date Code
A
B
C
D
E
F
G
H
I
(J)
K
L
M
N
P
Q
.030
.050
.055
.410
.762
1.27
1.40
10.41
1
3
16
14
1:1
6
8
11
9
1:2
Cable
Side
Transceiver
Side
Transmit
Receive
Cable
Side
Transceiver
Side
10
2
15
7
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - EPE6338S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6333G PCA-EPE6333G Datasheet
3Mb / 91P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6333G PCA-EPE6333G Datasheet
22Kb / 1P
   10Base-T/Fiber Interface Module
EPE6333G-RC PCA-EPE6333G-RC Datasheet
22Kb / 1P
   10Base-T/Fiber Interface Module
EPE6334G PCA-EPE6334G Datasheet
153Kb / 1P
   10Base-T Interface Module
EPE6335 PCA-EPE6335 Datasheet
116Kb / 1P
   10Base-T Isolation Transformer
More results

Similar Description - EPE6338S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6289S PCA-EPE6289S Datasheet
33Kb / 2P
   Miniature 10 Base-T Isolation Transformer
logo
Bothhand USA, LP.
TS090A BOTHHAND-TS090A Datasheet
282Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
S5018 BOTHHAND-S5018 Datasheet
91Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
TS7010R BOTHHAND-TS7010R Datasheet
285Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
logo
PCA ELECTRONICS INC.
EPE6064G PCA-EPE6064G Datasheet
25Kb / 1P
   10 Base-T Isolation Transformer
logo
Bothhand USA, LP.
TS200 BOTHHAND-TS200 Datasheet
197Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
logo
PCA ELECTRONICS INC.
EPE6153G PCA-EPE6153G Datasheet
22Kb / 1P
   10 Base-T Isolation Transformer
EPE6375S PCA-EPE6375S Datasheet
27Kb / 1P
   10 Base-T Isolation Transformer
EPE6380S PCA-EPE6380S Datasheet
28Kb / 1P
   10 Base-T Isolation Transformer
logo
Bothhand USA, LP.
TS2023A BOTHHAND-TS2023A Datasheet
188Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com