Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC384A480T033FP Datasheet(PDF) 1 Page - Vicor Corporation

Part # BC384A480T033FP
Description  BCM Bus Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC384A480T033FP Datasheet(HTML) 1 Page - Vicor Corporation

  BC384A480T033FP Datasheet HTML 1Page - Vicor Corporation BC384A480T033FP Datasheet HTML 2Page - Vicor Corporation BC384A480T033FP Datasheet HTML 3Page - Vicor Corporation BC384A480T033FP Datasheet HTML 4Page - Vicor Corporation BC384A480T033FP Datasheet HTML 5Page - Vicor Corporation BC384A480T033FP Datasheet HTML 6Page - Vicor Corporation BC384A480T033FP Datasheet HTML 7Page - Vicor Corporation BC384A480T033FP Datasheet HTML 8Page - Vicor Corporation BC384A480T033FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PRELIMINARY DATASHEET
Bus Converter Module
BC384A480T033FP
vicorpower.com
Rev. 1.0
Page 1 of 16
Product Grade Temperatures (°C)
Grade
Operating
Storage
T =
–40 to +100 –40 to +125
Baseplate
F = Slotted flange
P = Pin–fin heatsink
BCM
TM Bus Converter
Product Overview
VI BRICK BCM modules use advanced Sine Amplitude ConverterTM (SACTM) technology,
thermally enhanced packaging technologies, and advanced CIM processes to provide
high power density and efficiency, superior transient response, and improved thermal
management. These modules can be used to provide an isolated intermediate bus to
power non-isolated POL converters and due to the fast response time and low noise of
the BCM,capacitance can be reduced or eliminated near the load.
Applications
Off-line distribution for PFC
front ends
Isolated intermediate bus for
non-isolated POL
Telecommunication systems
Networking
Servers
ATE
100°C baseplate operation
384 V to 48 V Bus Converter
325 Watt (495 Watt for <5 ms)
High density – up to 422 W/in3
Small footprint – 1.64 and 2.08 in2
Height above board – 0.37 in (9.5 mm)
Low weight – 1.10 oz (31.3 g)
ZVS / ZCS isolated Sine Amplitude Converter
T
ypical efficiency >95%
<1 µs transient response
Isolated output
No output filtering required
Features
BC
384
A
480
T
033
F
P
Output
Voltage
Designator
(=VOUT x10)
Output
Power
Designator
(=POUT /10)
Part Numbering
Bus
Converter
Module
Input
Voltage
Designator
Package
Size
Pin Style
P = Through hole
Size:
1.91 x 1.09 x 0.37 in
48,6 x 27,7 x 9,5 mm


Similar Part No. - BC384A480T033FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
244Kb / 2P
   BCM??Bus Converter
BC384A120T030TP VICOR-BC384A120T030TP Datasheet
780Kb / 11P
   BCM??Bus Converter
More results

Similar Description - BC384A480T033FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com