Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B384T120T30 Datasheet(PDF) 8 Page - Vicor Corporation

Part # B384T120T30
Description  BCM Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B384T120T30 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button B384T120T30 Datasheet HTML 4Page - Vicor Corporation B384T120T30 Datasheet HTML 5Page - Vicor Corporation B384T120T30 Datasheet HTML 6Page - Vicor Corporation B384T120T30 Datasheet HTML 7Page - Vicor Corporation B384T120T30 Datasheet HTML 8Page - Vicor Corporation B384T120T30 Datasheet HTML 9Page - Vicor Corporation B384T120T30 Datasheet HTML 10Page - Vicor Corporation B384T120T30 Datasheet HTML 11Page - Vicor Corporation B384T120T30 Datasheet HTML 12Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B384F120T30
Rev. 2.1
Page 8 of 12
V•I Chip Bus Converter Module
TOP VIEW ( COMPONENT SIDE )
BOTTOM VIEW
NOTES:
1. DIMENSIONS ARE
2. UNLESS OTHERWISE SPECIFIED TOLERANCES ARE:
X.X [X.XX] = ±0.25 [0.01]; X.XX [X.XXX] = ±0.13 [0.005]
3. RoHS COMPLIANT PER CST-0001 LATEST REVISION
DXF and PDF files are available on vicorpower.com
inch
(mm)
.
Figure 17 — BCM through-hole mechanical outline
NOTES:
1. DIMENSIONS ARE
2. UNLESS OTHERWISE SPECIFIED TOLERANCES ARE:
X.X [X.XX] = ±0.25 [0.01]; X.XX [X.XXX] = ±0.13 [0.005]
3. RoHS COMPLIANT PER CST-0001 LATEST REVISION
DXF and PDF files are available on vicorpower.com
inch
(mm)
.
RECOMMENDED HOLE PATTERN
( COMPONENT SIDE SHOWN )
Figure 18 — BCM through-hole PCB layout information
Mechanical Drawings (continued)


Similar Part No. - B384T120T30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
logo
Cooper Bussmann, Inc.
B384104 COOPER-B384104 Datasheet
938Kb / 23P
   Single Row Terminal Blocks
logo
List of Unclassifed Man...
B3842 ETC-B3842 Datasheet
434Kb / 10P
   Current Mode PWM Controller
B3842A1P ETC-B3842A1P Datasheet
434Kb / 10P
   Current Mode PWM Controller
B3842AM ETC-B3842AM Datasheet
434Kb / 10P
   Current Mode PWM Controller
More results

Similar Description - B384T120T30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com