Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

390AT052XM18 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 390AT052XM18
Description  Composite Cone and Ring Style EMI/RFI Environmental Shield Termination Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

390AT052XM18 Datasheet(HTML) 2 Page - Glenair, Inc.

  390AT052XM18 Datasheet HTML 1Page - Glenair, Inc. 390AT052XM18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-63
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
K
± .06
(1.5)
.72 (18.3)
.75 (19.1)
.75 (19.1)
.76 (19.3)
.78 (19.8)
.79 (20.1)
.82 (20.8)
.86 (21.8)
.92 (23.4)
L
± .06
(1.5)
.88 (22.4)
.94 (23.9)
1.00 (25.4)
1.03 (26.2)
1.06 (26.9)
1.07 (27.2)
1.09 (27.7)
1.14 (29.0)
1.17 (29.7)
Max Entry
Dash No. *
10
12
14
16
20
20
22
24
28
A & F/L
08
10
12
14
16
18
20
22
24
H
09
11
13
15
17
19
21
23
25
Shell Size For
Connector Designator
TABLE II: CONNECTOR SHELL SIZE (CONT.)
Clamp
L
J
1.25 (31.8) Max.
H
Nut
K
Cable
Range Typ.
.75 (19.1) Max
Anti-Decoupling
Device
Minimum
.13
(3.3)
.25
(6.4)
.31
(7.9)
.50
(12.7)
.56
(14.2)
.63
(16.0)
.75
(19.1)
.88
(22.4)
1.00
(25.4)
1.13
(28.6)
Maximum
.25
(6.4)
.38
(9.7)
.44
(11.2)
.63
(15.9)
.69
(17.5)
.75
(19.1)
.88
(22.2)
1.00
(25.4)
1.13
(28.6)
1.25
(31.8)
Entry
Code
10
12
14
16
18
20
22
24
28
32
H
±.06
(1.5)
.94
(23.9)
1.17
(29.7)
1.28
(32.5)
1.41
(35.8)
1.50
(38.1)
1.56
(39.6)
1.69
(42.9)
1.81
(46.0)
1.91
(48.5)
2.02
(51.3)
J
±.06
(1.5)
.80
(20.3)
.93
(23.6)
1.06
(26.9)
1.22
(31.0)
1.24
(31.5)
1.37
(34.8)
1.49
(37.8)
1.62
(41.1)
1.68
(42.7)
1.82
(46.2)
Cable Range
.16
(4.1)
.29
(5.1)
.40 (10.2)
.52 (13.2)
.58 (14.7)
.64 (16.0)
.72 (18.3)
.79 (20.1)
.89 (22.0)
.96 (24.0)
Clamp
Saddle Closed
Entry
Code
10
12
14
16
18
20
22
24
28
32
TABLE IV: CABLE ENTRY (CONT.)
390-052
Composite Cone and Ring Style
EMI/RFI Environmental Shield Termination Backshell
with Self-Locking Rotatable Coupling and Strain Relief
NOTES
Coupling nut supplied unplated.
1.
Metric dimensions (mm) are
2.
in parenthesis and are for
reference only.
Consult factory for additional
3.
entry sizes available.
See Table I in Intro for front-
4.
end dimensional details.


Similar Part No. - 390AT052XM18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
390A ETC2-390A Datasheet
1Mb / 2P
   Resistance measurement
logo
B&K Precision Corporati...
390A BK-390A Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Glenair, Inc.
390AA001M08 GLENAIR-390AA001M08 Datasheet
146Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA001M10 GLENAIR-390AA001M10 Datasheet
146Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA001M12 GLENAIR-390AA001M12 Datasheet
146Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results

Similar Description - 390AT052XM18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
311AS063XM08 GLENAIR-311AS063XM08 Datasheet
288Kb / 2P
   Composite Lamp Base Thread EMI/RFI Environmental Shield Termination Backshell
387HS083XM09 GLENAIR-387HS083XM09 Datasheet
313Kb / 2P
   Composite Multi-Shield Cone and Ring Style
311AS034 GLENAIR-311AS034 Datasheet
301Kb / 1P
   Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
380AS100XM08 GLENAIR-380AS100XM08 Datasheet
315Kb / 2P
   Composite Cone and Ring Style
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
550T006M GLENAIR-550T006M Datasheet
90Kb / 2P
   EMI/RFI D-Subminiature Split Backshell Crimp Ring Shield Termination
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
M85049-1809N01A GLENAIR-M85049-1809N01A Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
   ENVIRONMENTAL EMI / RFI BACKSHELL
logo
Glenair, Inc.
M28840-916WA GLENAIR-M28840-916WA Datasheet
85Kb / 2P
   EMI/RFI Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com