Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B352F110T24 Datasheet(PDF) 4 Page - Vicor Corporation

Part # B352F110T24
Description  BCM Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B352F110T24 Datasheet(HTML) 4 Page - Vicor Corporation

  B352F110T24 Datasheet HTML 1Page - Vicor Corporation B352F110T24 Datasheet HTML 2Page - Vicor Corporation B352F110T24 Datasheet HTML 3Page - Vicor Corporation B352F110T24 Datasheet HTML 4Page - Vicor Corporation B352F110T24 Datasheet HTML 5Page - Vicor Corporation B352F110T24 Datasheet HTML 6Page - Vicor Corporation B352F110T24 Datasheet HTML 7Page - Vicor Corporation B352F110T24 Datasheet HTML 8Page - Vicor Corporation B352F110T24 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B352F110T24
Rev. 2.5
Page 4 of 12
V•I Chip Bus Converter Module
Specifications (continued)
Figure 8 — Output voltage ripple at full load and 352 Vin with 10 µF
ceramic external bypass capacitor and 20 nH of distribution inductance.
Figure 7 — Output voltage ripple at full load and 352 Vin without any
external bypass capacitor.
Ripple vs. Output Power
56
76
96
116
136
156
176
196
216
236
0
20
40
60
80
100 120 140 160 180 200 220 240
Output Power (W)
Figure 9 — Output voltage ripple vs. output power at 352 Vin without any
external bypass capacitor.
Figure 10 — 0 -21.8 A load step with 2 µF input capacitor and no
output capacitor.
Figure 11 — 21.8- 0 A load step with 2 µF input capacitor and no output
capacitor.


Similar Part No. - B352F110T24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B352F110T24 VICOR-B352F110T24 Datasheet
394Kb / 13P
   VI Chip - BCM Bus Converter Module
B352F110T24 VICOR-B352F110T24 Datasheet
481Kb / 2P
   HV Bus Converter Family
B352F110T24 VICOR-B352F110T24_2 Datasheet
481Kb / 2P
   HV Bus Converter Family
More results

Similar Description - B352F110T24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com