Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC3391G-LF Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3391G-LF
Description  PoE Flyback Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3391G-LF Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3391G-LF Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
PoE Flyback Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• 45W PoE Applications
• Designed to work with LT1725
• Used in Flyback Topology Converter
• Bobbin : UL94V-0 Recognized Materials
• Storage Temperature : -40°C to +125°C
• Operating Temperature : 0°C to +70°C
• UL 1446 Class B Insulation System
• Duty Cycle : 50% Max.
EPC3391G & EPC3391G-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3391G & -LF
Rev. 1
12/13/07 JDG
Dielectric Rating
(Vrms)
1500
Wdg’s - Wdg’s
Wdg’s - Core
1.0
Pins 1-3 All
other wdg’s shorted
Leakage Inductance
(µH Max.)
@ 100 KHz,
1.0 Vrms
Inductance
(µH ± 10%)
@ 100 KHz,
1.0 Vrms
42
Pins
1-3
DCR
(
Ω Typ.)
0.1
Pins
1-3
0.135
Pins
5-6
0.06
Pins
8-11
2.4:1
Pins
1-3:5-6
0.9:1
Pins
1-3:8-11
Turns
Ratio
Notes :
1. Lead Finish
2. Peak Solder Rating
(for wave solder process Only)
3. Weight
4. Packaging Information
(Tube)
EPC3391G
SnPb
225°C
11.1 grams
25 pcs / tube
EPC3391G-LF
Hot Tin Dip (Sn)
260°C
11.1 grams
25 pcs / tube
Schematic
5
1
6
3
Pri.
(36-57 Vdc)
8
11
Sec.
36 V (1.25 A)
Vcc
15 V (10 mA)
Package
6
7
1
12
Pin 1 I.D.
.930
(23.62)
.810
(20.57)
.130
(3.30)
.028
(.720)
.450
Max.
(11.43)
.969
(24.60)
.118
(3.00)
.050
(1.27)
.118
(3.00)
Marking:
PCA
EPC3391G(-LF)
D.C.
.827
(21.00)
.084
(2.13)
0.004
(.100)
Component Outline
1.250 x .850
(31.75 x 21.60)
PCB Layout
(Top View)


Similar Part No. - EPC3391G-LF

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3391G PCA-EPC3391G_15 Datasheet
22Kb / 1P
   PoE Flyback Transformer
More results

Similar Description - EPC3391G-LF

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3391G PCA-EPC3391G_15 Datasheet
22Kb / 1P
   PoE Flyback Transformer
EPC3394G PCA-EPC3394G Datasheet
22Kb / 1P
   PoE Flyback Transformer
EPC3393 PCA-EPC3393_15 Datasheet
23Kb / 1P
   PoE Flyback Transformer
EPC3394G PCA-EPC3394G_15 Datasheet
22Kb / 1P
   PoE Flyback Transformer
EPC3393 PCA-EPC3393 Datasheet
23Kb / 1P
   PoE Flyback Transformer
EPC3410G-LF PCA-EPC3410G-LF_15 Datasheet
28Kb / 1P
   PoE Synchronous Flyback Transformer
EPC3408G-LF PCA-EPC3408G-LF Datasheet
50Kb / 1P
   PoE Synchronous Flyback Transformer
EPC3408G-LF PCA-EPC3408G-LF_15 Datasheet
46Kb / 1P
   PoE Synchronous Flyback Transformer
EPC3409G-LF PCA-EPC3409G-LF Datasheet
33Kb / 1P
   PoE Synchronous Flyback Transformer
EPC3492G-LF PCA-EPC3492G-LF Datasheet
1Mb / 1P
   25W PoE Flyback Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com