Electronic Components Datasheet Search |
|
390AB056M32 Datasheet(PDF) 1 Page - Glenair, Inc. |
|
390AB056M32 Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 2 page www.glenair.com E-Mail: sales@glenair.com Series 39 - Page 46 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 E (Table III) F (Table III) H (Table III) CONNECTOR DESIGNATORS A-F-H-L-S ROTATABLE COUPLING TYPE E INDIVIDUAL AND/OR OVERALL SHIELD TERMINATION 390 F S 056 M 16 10 D M 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Finish (Table II) Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, D) Termination (Note 6) D = 2 Rings, T = 3 Rings Cable Entry (Tables X, XI) Shell Size (Table I) STYLE 2 (STRAIGHT See Note 1) Length ± .060 (1.52) Minimum Order Length 2.0 Inch (See Note 4) STYLE 2 (45° & 90° See Note 1) .88 (22.4) Max G (Table III) C Typ. (Table I) A Thread (Table I) * Length ± .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4) 1.281 (32.5) Ref. Typ. Length * O-Rings Cable Range STYLE H Heavy Duty (Table X) STYLE A Medium Duty (Table XI) STYLE D Medium Duty (Table XI) STYLE M Medium Duty (Table XI) W V Y Y Cable Range X Cable Range .135 (3.4) Max Z T Cable Entry 390-056 Submersible EMI/RFI Cable Sealing Backshell with Strain Relief Type E - Rotatable Coupling - Low Profile Now Available with the NESTOR Glenair’s Non-Detent, Spring-Loaded, Self- Locking Coupling. Add “-445” to Specify This AS85049 Style “N” Coupling Interface. |
Similar Part No. - 390AB056M32 |
|
Similar Description - 390AB056M32 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |