Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048T096T025 Datasheet(PDF) 10 Page - Vicor Corporation

Part # V048T096T025
Description  VTM Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048T096T025 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button V048T096T025 Datasheet HTML 3Page - Vicor Corporation V048T096T025 Datasheet HTML 4Page - Vicor Corporation V048T096T025 Datasheet HTML 5Page - Vicor Corporation V048T096T025 Datasheet HTML 6Page - Vicor Corporation V048T096T025 Datasheet HTML 7Page - Vicor Corporation V048T096T025 Datasheet HTML 8Page - Vicor Corporation V048T096T025 Datasheet HTML 9Page - Vicor Corporation V048T096T025 Datasheet HTML 10Page - Vicor Corporation V048T096T025 Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
vicorpower.com
800-735-6200
VTM™ Current Multiplier
V048F096T025
Rev. 2.9
Page 10 of 11
Figure 18 — The PRM™ regulator controls the factorized bus voltage, VF, in proportion to output current to compensate for the output resistance, Ro, of the
VTM™ current multipler. The VTM module output voltage is typically within 1% of the desired load voltage (VL) over all line and load conditions.
+O
ut
–O
ut
+I
n
–I
n
VC
P C
T M
I
L
VH
P R
N
C
S
G
S
C
O
S
N
C
C
D
L
O
A
D
VIN
– In
PC
VC
TM
+In
– Out
+Out
– Out
+Out
K
Ro
0.01
mF
0.4 µH
10
Ω
10 k
Ω
PRM™ -AL
Module
VTM™
Module
Factorized
Bus (V
F )
ROS
RCD
FPA™ Adaptive Loop
In figures below;
K = VTM™ current multiplier transformation ratio
VF = PRM output (Factorized Bus Voltage)
RO = VTM output resistance
VO = VTM output
VL = Desired load voltage
Application Note (continued)
+
+
VOUT
COUT
VIN
V•I
K
+
+
CIN
IOUT
RC
OUT
IQ
ROUT
RC
IN
LIN = 5 nH
64 mA
V•I Chip VTM™ Current Multiplier Level 2 Transient Behavioral Model for 48 V to 9.6 V, 25 A
Figure 17 — This model characterizes the AC operation of the V•I Chip VTM including response to output load or input voltage transients or steady state
modulations. The model enables estimates or simulations of input and output voltages under transient conditions, including response to a stepped load
with or without external filtering elements.
©
1/5 • IOUT
1/5 • VIN
8.9 mΩ
RCIN
1.3 mΩ
5.5 nH
25 mΩ
RCOUT
0.2 mΩ
55 µF
L
OUT = 1.6 nH
4.0 µF
+
+
VOUT
VIN
VI
K
+
+
IOUT
ROUT
IQ
VTM™ Current Multiplier Level 1 DC Behavioral Model for 48 V to 9.6 V, 25 A
Figure 16 — This model characterizes the DC operation of the V•I Chip VTM, including the converter transfer function and its losses. The model enables
estimates or simulations of output voltage as a function of input voltage and output load, as well as total converter power dissipation or heat generation.
©
8.9 mΩ
1/5 • VIN
1/5 • IOUT
64 mA


Similar Part No. - V048T096T025

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048T096T025 VICOR-V048T096T025 Datasheet
1Mb / 11P
   VTM??Current Multiplier
More results

Similar Description - V048T096T025

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com