Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

390AS003M32 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 390AS003M32
Description  Water-Tight EMI/RFI Cable Sealing Backshell with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

390AS003M32 Datasheet(HTML) 1 Page - Glenair, Inc.

  390AS003M32 Datasheet HTML 1Page - Glenair, Inc. 390AS003M32 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 39 - Page 18
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Cable
Range
H (Table III)
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
TYPE A OVERALL
SHIELD TERMINATION
390 F S 003 M 16 10 E 6
Product Series
Connector
Designator
Angle and Profile
A = 90°
B = 45°
S = Straight
Basic Part No.
Length: S only
(1/2 inch increments:
e.g. 6 = 3 inches)
Strain Relief Style
(C, E)
Cable Entry (Tables X, XI)
Shell Size (Table I)
Finish (Table II)
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Minimum Order Length 2.0 Inch
(See Note 4)
STYLE 2
(45° & 90°
See Note 1)
.88 (22.4)
Max
G
(Table III)
E
(Table
III)
F (Table III)
C Typ.
(Table I)
A Thread
(Table I)
* Length
± .060 (1.52)
Minimum Order
Length 1.5 Inch
(See Note 4)
Length *
O-Rings
STYLE C
Medium Duty
(Table X)
STYLE E
Medium Duty
(Table XI)
T
Cable
Range
W
X (See
Note 6)
Clamping
Bars
Y
Z
390-003
Water-Tight EMI/RFI Cable Sealing Backshell
with Strain Relief
Type A - Rotatable Coupling - Low Profile


Similar Part No. - 390AS003M32

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390AS001M08 GLENAIR-390AS001M08 Datasheet
146Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AS001M10 GLENAIR-390AS001M10 Datasheet
146Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AS001M12 GLENAIR-390AS001M12 Datasheet
146Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AS001M14 GLENAIR-390AS001M14 Datasheet
146Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AS001M16 GLENAIR-390AS001M16 Datasheet
146Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results

Similar Description - 390AS003M32

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
390AA004M08 GLENAIR-390AA004M08 Datasheet
103Kb / 2P
   Water-Tight EMI/RFI Cable Sealing Backshell with Strain Relief
390GH014M08 GLENAIR-390GH014M08 Datasheet
113Kb / 2P
   Water-Tight EMI/RFI Cable Sealing Backshell with Strain Relief
390AM056M08 GLENAIR-390AM056M08 Datasheet
86Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA057M08 GLENAIR-390AA057M08 Datasheet
65Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA035M08 GLENAIR-390AA035M08 Datasheet
60Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM053M08 GLENAIR-390AM053M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AH053M08 GLENAIR-390AH053M08 Datasheet
83Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AH055M08 GLENAIR-390AH055M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA001M08 GLENAIR-390AA001M08 Datasheet
146Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390GH015M08 GLENAIR-390GH015M08 Datasheet
126Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com