Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC1053 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC1053
Description  DC/DC Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC1053 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC1053 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC/DC Converter EPC1053
Package L
Electrical Specifications
Parameters
Units
Max.
Min.
Features
Typ.
16799 Schoenborn St.
North Hills, CA 91343
Phone: (818) 892-0761
Fax: (818) 894-5791
E L E C T R O N I C S
I N C .
Pin Connections
Designed for low common mode noise
70 % Typical efficiency at full load
Input filter to reduce input ripple current
Fuse Protected
(Less than 10 mA p-p typical)
Pulse Width Modulator Circuit
Input / Output Isolation
line and load regulation.)
(For high efficiency and excellent
7.5
8.55
0
----
----
500
16
9.45
250
100
25
----
Input Voltage
Output Voltage
Output Current
Output Ripple & Noise
@ 20 MHz BW
Input Ripple Current
Input /Output Isolation
Volts
Volts
mA
mV p-p
mA p-p
Vrms
12
9.0
----
----
----
----
Precision Regulated
and at 12 V Nominal input voltage
14 13
11
10
V o+
V o-
12
1
2
24
V in+
N/C
15
N/C
N/C
N/C
N/C
N/C
23
V in-
9
N/C
16
N/C
1.27 Max.
.480 Max
.600 ± .010
.680
Max.
1.100 ± .010
1
12
24
13
.110 / .140
.025 Dia.
Leads
White Dot
Pin 1
.035
EPC1053 10/92
.100 Typ.


Similar Part No. - EPC1053

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1054H PCA-EPC1054H Datasheet
39Kb / 1P
   Ethernet DC/DC Converter
EPC1054P PCA-EPC1054P Datasheet
39Kb / 1P
   Ethernet DC/DC Converter
EPC1054 PCA-EPC1054_15 Datasheet
39Kb / 1P
   Ethernet DC/DC Converter
EPC1055H PCA-EPC1055H Datasheet
30Kb / 1P
   Ethernet DC/DC Converter
EPC1055P PCA-EPC1055P Datasheet
30Kb / 1P
   Ethernet DC/DC Converter
More results

Similar Description - EPC1053

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com