Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P036T048T12AL Datasheet(PDF) 5 Page - Vicor Corporation

Part # P036T048T12AL
Description  PRM Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

P036T048T12AL Datasheet(HTML) 5 Page - Vicor Corporation

  P036T048T12AL Datasheet HTML 1Page - Vicor Corporation P036T048T12AL Datasheet HTML 2Page - Vicor Corporation P036T048T12AL Datasheet HTML 3Page - Vicor Corporation P036T048T12AL Datasheet HTML 4Page - Vicor Corporation P036T048T12AL Datasheet HTML 5Page - Vicor Corporation P036T048T12AL Datasheet HTML 6Page - Vicor Corporation P036T048T12AL Datasheet HTML 7Page - Vicor Corporation P036T048T12AL Datasheet HTML 8Page - Vicor Corporation P036T048T12AL Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P036F048T12AL
Rev. 1.5
Page 5 of 14
Efficiency vs. Output Current
65
70
75
80
85
90
95
100
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Output Current (A)
18 V
36 V
60 V
Vin
Figure 8 — Efficiency vs. output current at 26 Vf
Electrical Specifications (continued)
V•I Chip Pre-Regulator Module
Efficiency vs. Output Current
75.
80
85
90
95
100
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Output Current (A)
18 V
36 V
60 V
Vin
Figure 6 — Efficiency vs. output current at 48 Vf
Efficiency vs. Output Current
65
70
75
80
85
90
95
100
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
Output Current (A)
18 V
36 V
60 V
Vin
Figure 7 — Efficiency vs. output current at 36 Vf
Efficiency Graphs


Similar Part No. - P036T048T12AL

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
P036 ENSIGN-P036 Datasheet
536Kb / 3P
   Captain Class
logo
Tripp Lite. All Rights ...
P036-002 TRIPPLITE-P036-002 Datasheet
163Kb / 2P
   C19 to C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 2 ft., Black
P036-002-20LA TRIPPLITE-P036-002-20LA Datasheet
160Kb / 2P
   C19 to Left-Angle C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 2 ft., Black
P036-002-20RA TRIPPLITE-P036-002-20RA Datasheet
161Kb / 2P
   C19 to Right-Angle C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 2 ft., Black
P036-002-6 TRIPPLITE-P036-002-6 Datasheet
163Kb / 2P
   C19 to C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 2 ft., Black, 6-Pack
More results

Similar Description - P036T048T12AL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRM48AF480T400A00 VICOR-PRM48AF480T400A00 Datasheet
1Mb / 45P
   PRM??Regulator
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
1Mb / 44P
   PRM??Regulator
P024F048T12AL VICOR-P024F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PR048A480T024FP VICOR-PR048A480T024FP Datasheet
692Kb / 13P
   PRM??Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com